Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702F-V Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part No. LTV702F-V
Description  High Collector-Emitter Voltage Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV702F-V Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV702F-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV702F-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV702F-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV702F-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12-41
Note:
1.Year date code.
2. 2-digit work week.
3. Factory code shall be marked (Z : Taiwan, Y : Thailand).
4. Rank shall be or shall not be marked.
5. All dimensions are in millimeters (inches).
6. Tolerance is
0.25mm (.010 ) unless otherwise noted.
7. Specifications are subject to change without notice.
Package Dimensions
High Collector-Emitter
Voltage Type Photocoupler
LTV-702F Series
Features
High collector-emitter voltage(VCEO=70V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Directly connectable to TTL
UL approved (No. E113898)
TUV approved (No.R9653630)
CSA approved (No. CA91533-1)
FIMKO approved (No. 193422)
NEMKO approved (No. P96103013)
DEMKO approved (No. 303968)
SEMKO approved (No. 9646047/01-30)
VDE approved (No. 094722 Thailand)
Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)
Applications
1. Telephone sets, telephone exchangers.
2. System appliances, measuring instruments.
3. Signal transmission between circuits of different
potentialsand impedances.
Ordering Information
Part Number
Package
Safety Standard Approval
Application part
number
LTV-702F
LTV-702FM
LTV-702FS
LTV-702FS-TA
LTV-702FS-TA1
LTV702F-V
LTV702FM-V
LTV702FS-V
LTV702FSTA-V
LTV702FSTA1-V
6-pin DIP
6-pin (leads with 0.4" spacing)
6-pin (lead bends for surface mount)
6-pin (tape and reel packaging of type I)
6-pin (tape and reel packaging of type II)
6-pin DIP
6-pin (leads with 0.4" spacing)
6-pin (lead bends for surface mount)
6-pin (tape and reel packaging of type I)
6-pin (tape and reel packaging of type II)
UL approved
NEMKO approved
TUV approved
SEMKO approved
CSA approved
DEMKO approved
FIMKO approved
VDE approved
LTV - 702F
LTV - 702F
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn