Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502R29W151KV3E-SC Datasheet(PDF) 4 Page - Analog Devices

Part # 502R29W151KV3E-SC
Description  Recommendations for Control of Radiated Emissions with iCoupler Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

502R29W151KV3E-SC Datasheet(HTML) 4 Page - Analog Devices

  502R29W151KV3E-SC Datasheet HTML 1Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 2Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 3Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 4Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 5Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 6Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 7Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 8Page - Analog Devices 502R29W151KV3E-SC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AN-1109
Application Note
Rev. 0 | Page 4 of 20
PREAMP ON
LOG
5
dB/
#ATN
0dB
VA SB
SC FC
ACORR
40dBµV
47dBµV
37dBµV
AVG BW 300kHz
30dBµV
REF 60.0dBµV
ACTV DET: PEAK
MEAS DET: PEAK
MKR 873.3MHz
38.56dBµV
REF LEVEL
60.0dBµV
CHAMBER EN55022, CLASS B, RADIATED EMISSIONS PRESCAN
START
L
30.0MHz
#1F BW 120kHz
STOP
1.0000GHz
SWP 909ms
CISPR 22 CLASS A
CISPR 22 CLASS B
Figure 5. Anechoic Chamber Emissions from a Standard 4-Layer Board with
4-Channel ADuM1402 at 1 Mbps
PREAMP ON
LOG
5
dB/
#ATN
0dB
40dBµV
VA SB
SC FC
ACORR
30dBµV
47dBµV
37dBµV
REF 50.0dBµV
ACTV DET: PEAK
MEAS DET: PEAK
MKR 682.7MHz
23.38dBµV
REF LEVEL
50.0dBµV
CHAMBER EN55022, CLASS B, RADIATED EMISSIONS PRESCAN
START
L
30.0MHz
#1F BW 120kHz
STOP
1.0000GHz
SWP 909ms
CISPR 22 CLASS A
CISPR 22 CLASS B
AVG BW 300kHz
Figure 6. Anechoic Chamber Emissions from a Low Noise 4-Layer Board with
300 pF Stitching Capacitance and 4-Channel ADuM1402 at 1 Mbps
The emissions data for this board, as shown in Figure 5, passes
CISPR 22 Class A emissions standards by approximately 6 dBμV
in the 30 MHz to 230 MHz range (40 dBμV requirement). In
contrast, Figure 6 shows the results of a low noise, 4-layer board
using a 300 pF stitching capacitance. This was tested under the
same conditions as the standard board but passes CISPR 22
Class A and CISPR 22 Class B by a wide margin. The EMI
Mitigation Techniques section describes how to use some recom-
mended PC layout techniques like those used on the low noise
board to control radiated emissions.


Similar Part No. - 502R29W151KV3E-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
502R29W101JV3E ETC2-502R29W101JV3E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101JV4E ETC2-502R29W101JV4E Datasheet
82Kb / 2P
   SAFETY CERTIFIED CAPACITORS
502R29W101JV4E ETC2-502R29W101JV4E Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
502R29W101JV4R ETC2-502R29W101JV4R Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
502R29W101JV4T ETC2-502R29W101JV4T Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
More results

Similar Description - 502R29W151KV3E-SC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
PE-67531NL PULSE-PE-67531NL Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
   Soldering Recommendations for Pressure Sensor Devices
logo
NXP Semiconductors
AN11689 NXP-AN11689 Datasheet
1Mb / 18P
   Recommendations for PCB assembly of DSN1006
Rev. 1-29 July 2015
logo
STMicroelectronics
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
   Description of WLCSP for microcontrollers and recommendations for use
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
logo
M/A-COM Technology Solu...
M521 MA-COM-M521 Datasheet
103Kb / 3P
   Positive Voltage Control of GaAs MMIC Control Devices
logo
Johanson Technology Inc...
0900AT43A0070 JOHANSON-0900AT43A0070 Datasheet
1,001Kb / 8P
   Radiated Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com