Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP913P048 Datasheet(PDF) 22 Page - Sony Corporation

Part # CXP913P048
Description  CMOS 16-bit Single Chip Microcomputer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP913P048 Datasheet(HTML) 22 Page - Sony Corporation

Back Button CXP913P048 Datasheet HTML 18Page - Sony Corporation CXP913P048 Datasheet HTML 19Page - Sony Corporation CXP913P048 Datasheet HTML 20Page - Sony Corporation CXP913P048 Datasheet HTML 21Page - Sony Corporation CXP913P048 Datasheet HTML 22Page - Sony Corporation CXP913P048 Datasheet HTML 23Page - Sony Corporation CXP913P048 Datasheet HTML 24Page - Sony Corporation CXP913P048 Datasheet HTML 25Page - Sony Corporation CXP913P048 Datasheet HTML 26Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
– 22 –
CXP913P048
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
(6) Other
(Ta = –20 to +75°C, VSS = 0V reference)
Item
tCFH,
tCFL
tDFH,
tDFL
tDPW
tDPR
tRFH,
tRFL
tEIH,
tEIL
tPIH,
tPIL
tPMW
tPMR
tTLH
tTHL
CFG
DFG
DPG
DPG
RFG0
RFG1
EXI0
EXI1
PMI
PMSK
PMSK
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Pin
Min.
50
100
20
40
Typ.
100
280
40
80
Max.
Unit
Conditions
tsys +200
tsys +200
1000/fc +200
1000/fc +200
50
50
50
50
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
tsys +200
Note)
tsys indicates the three values below according to the upper two bits (CPU clock selected) of the clock
control register (CLC: 0002FEh).
tsys [ns] = 2000/fc (upper two bits = "00"), 4000/fc (upper two bits = "01"), 16000/fc (upper two bits =
"11")
CFG input high,
low level width
DFG input high,
low level width
DPG minimum
pulse width
DPG minimum
removal time
RFG input high,
low level width
EXI input high,
low level width
PMI input high,
low level width
PMSK minimum
pulse width
PMSK minimum
removal time
XOUT output rise
time, fall time
When the
load is
50pF
When
tsys
= 2000/fc
XOUT


Similar Part No. - CXP913P048

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
More results

Similar Description - CXP913P048

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com