Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP888P60 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP888P60
Description  CMOS 8-bit Single Chip Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP888P60 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP888P60 Datasheet HTML 4Page - Sony Corporation CXP888P60 Datasheet HTML 5Page - Sony Corporation CXP888P60 Datasheet HTML 6Page - Sony Corporation CXP888P60 Datasheet HTML 7Page - Sony Corporation CXP888P60 Datasheet HTML 8Page - Sony Corporation CXP888P60 Datasheet HTML 9Page - Sony Corporation CXP888P60 Datasheet HTML 10Page - Sony Corporation CXP888P60 Datasheet HTML 11Page - Sony Corporation CXP888P60 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
– 8 –
CXP888P60
When reset
Pin
Circuit format
PPO, RTO data
Data bus
RD (Port C)
Port C direction
Port C data
IP
Input protection circuit
RD (Port C direction)
Port D
8 pins
Hi-Z
Hi-Z
PC0/PPO16
to
PC2/PPO18
PC3/RTO3
to
PC7/RTO7
PD0/INT1/
NMI
PD1/RMC
PD4/CS0
PD7/SI0
Port D
4 pins
2 pins
Hi-Z
PD2/PWM
PD3/TO/
DDO/ADJ/
SRVO
Port C
MPX
Port D data
IP
Data bus
RD (Port D)
Port D direction
Port D function
select
PD2 ... 14-bit PWM
PD3 ...
Timer/counter, CTL duty
detection circuit,
32kHz timer,
amplifier circuit
Port D data
IP
Data bus
RD (Port D)
Port D direction
PD1...Remote control circuit
PD0...Interruption circuit
PD4, 7...Serial CH0
Schmitt input


Similar Part No. - CXP888P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88800 SONY-CXP88800 Datasheet
150Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP88852 SONY-CXP88852 Datasheet
530Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP88860 SONY-CXP88860 Datasheet
530Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP888P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com