Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMG-PU005 Datasheet(PDF) 11 Page - alpha microelectronics gmbh

Part # AMG-PU005
Description  Analog System Base Chip, I/O PowerStage, OP-Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PU005 Datasheet(HTML) 11 Page - alpha microelectronics gmbh

Back Button AMG-PU005 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 14Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AMG-PU005
Analog System Base Chip, I/O PowerStage, OP-Amps
8.4. Application Notes
8.4.1. Supply concepts
The AMG-PU005 can be used with different supply strategies and ranges. It contains a buck
regulator and a linear regulator. The minimum voltage drops of the regulators to be considered
are:
- Buck regulator: VDROPB=2V (to be adjusted by external resistor divider)
- Linear regulator: VDROPL=1V (in case of saturation, VVL≤6V).
Thus none or one or both regulators may be used (see operational voltage range limitations).
The buck regulator is able to drive about 40mA external load in total. If it has to supply the
linear regulator the maximum external load current will be reduced by the load of the linear
regulator (max. 20mA).
The buck regulator's external coil should be larger than 220uH.
AMG-PU005
Revision: B
9. Nov. 2012
© All rights reserved
Page 11 of 14
Figure 4: Different supply concepts overview
Surge
Prot.
VP
Buck Reg.
5V Linear Reg.
VDD
FB
LX
VS
VL
Surge
Prot.
VP
Buck Reg.
5V Linear Reg.
VDD
FB
LX
VS
VL
Buck Reg.
5V Linear Reg.
VDD
FB
LX
VS
VL
Surge
Prot.
VP
Buck Reg.
5V Linear Reg.
VDD
FB
LX
VS
VL
Surge
Prot.
VP
a) Supply concept using buck
and linear regulator
b) Supply concept using buck
only
c) Supply concept using linear
regulator only
d) Supply concept using neither
buck nor linear regulator (5V
external supply


Similar Part No. - AMG-PU005

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-PI004 ALPHA-MICRO-AMG-PI004 Datasheet
1Mb / 20P
   H-Bridge/Full Bridge Array of P and N channel MOSFETs
AMG-PP130 ALPHA-MICRO-AMG-PP130 Datasheet
270Kb / 2P
   FACT SHEET
AMG-PS131 ALPHA-MICRO-AMG-PS131 Datasheet
279Kb / 2P
   FACT SHEET
AMG-PS132 ALPHA-MICRO-AMG-PS132 Datasheet
281Kb / 2P
   FACT SHEET
More results

Similar Description - AMG-PU005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Analog Devices
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com