Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMG-PU005 Datasheet(PDF) 1 Page - alpha microelectronics gmbh

Part # AMG-PU005
Description  Analog System Base Chip, I/O PowerStage, OP-Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PU005 Datasheet(HTML) 1 Page - alpha microelectronics gmbh

  AMG-PU005 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AMG-PU005
Analog System Base Chip, I/O PowerStage, OP-Amps
1. Functional Description
The AMG-PU005 has both N-channel and P-channel output drivers, a buck and linear
regulator and two OP-AMPs. It is highly suitable as a supply and output stage for many
applications such as MCU power stage, I/O and sensor interface.
2. Features
Supply voltage: 5VDC...36VDC
5V/20mA linear regulator
Adjustable fix frequency buck regulator (8V...34V)
100mA P-channel and N-channel over-current & short-circuit protected open drain outputs
2 LED current sinks 2mA
2 operational amplifiers
Buck & linear regulator may be connected parallel or in a series
Package: QFN24 – Body size: 4mm x 4mm x 0.85mm
RoHS compliant
3. Application
Inductive Proximity Sensor
Optical Switch
Sensor Preamplifier
LED Driver
DC Motor Control
HV Preamplifier
Level Shifter
UART – RS232 Converter
Monoflop
WDT and VDD Monitor
Oscillator
Over current and temperature protection
Audio Amplifier
MCU power stage, I/O and sensor interface
AMG-PU005
Revision: B
9. Nov. 2012
© All rights reserved
Page 1 of 14


Similar Part No. - AMG-PU005

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-PI004 ALPHA-MICRO-AMG-PI004 Datasheet
1Mb / 20P
   H-Bridge/Full Bridge Array of P and N channel MOSFETs
AMG-PP130 ALPHA-MICRO-AMG-PP130 Datasheet
270Kb / 2P
   FACT SHEET
AMG-PS131 ALPHA-MICRO-AMG-PS131 Datasheet
279Kb / 2P
   FACT SHEET
AMG-PS132 ALPHA-MICRO-AMG-PS132 Datasheet
281Kb / 2P
   FACT SHEET
More results

Similar Description - AMG-PU005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Analog Devices
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com