Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-8557-026 Datasheet(PDF) 6 Page - ITT Industries

Part # 031-8557-026
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

031-8557-026 Datasheet(HTML) 6 Page - ITT Industries

Back Button 031-8557-026 Datasheet HTML 2Page - ITT Industries 031-8557-026 Datasheet HTML 3Page - ITT Industries 031-8557-026 Datasheet HTML 4Page - ITT Industries 031-8557-026 Datasheet HTML 5Page - ITT Industries 031-8557-026 Datasheet HTML 6Page - ITT Industries 031-8557-026 Datasheet HTML 7Page - ITT Industries 031-8557-026 Datasheet HTML 8Page - ITT Industries 031-8557-026 Datasheet HTML 9Page - ITT Industries 031-8557-026 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
CannonVG/CA-Bayonet
Mounting Holes
Mounting holes for wall mounting receptacles style A, B1, B2,
C1, C2, J1, J2, N1 and N2 acc. to VG95234, or CA 3100E/F/R-B
and CA 3102 E-B.
Shell
ø d1H12
ø d2H13
e
screws to be used
size
Style A
Style B1, B2
Style
Style
±0,15
A, B2, C2, J2,
B1, C1, J1, N
CA 3102E-B
C1, C2, J1, J2
A, B2, C2,
B1, C1, J1, N1
N2
CA 3100E, F
N1, N2
J2, N2
CA 3100E, F, R-B
CA-B
CA 3100E, F, R-B
CA-B-Mod. 05
TBF-B/-05
Mod-05
10SL
16,4
18,5
3,4
4,5
18,2
M3...DIN 85
M4...DIN 84
12S
16,4
21,7
3,4
4,5
20,6
M3...DIN 85
M4...DIN 84
14S
19,7
24,9
3,4
4,5
23,0
M3...DIN 85
M4...DIN 84
16S
22,9
27,7
3,4
4,5
24,6
M3...DIN 85
M4...DIN 84
16
22,9
27,7
3,4
4,5
24,6
M3...DIN 85
M4...DIN 84
18
26,1
31,1
3,4
4,5
27,0
M3...DIN 85
M4...DIN 84
20
29,5
34,5
3,4
4,5
29,4
M3...DIN 85
M4...DIN 84
22
32,7
37,8
3,4
4,5
31,8
M3...DIN 85
M4...DIN 84
24
36,0
41,3
3,9
4,5
34,9
M3,5...DIN 85
M4...DIN 84
28
42,0
47,1
3,9
5,5
39,7
M3,5...DIN 85
M5...DIN 84
32
48,3
53,8
4,5
5,5
44,5
M4...DIN 85
M5...DIN 84
36
54,6
60,0
4,5
5,5
49,2
M4...DIN 85
M5...DIN 84
* When used with safety elements the max. outer diameter must not exceed the outer diameter of the screw head.
Harnessing
VG95234 connectors are designed for single wire harnessing.
Full sealing will be guaranteed only by using wires in accordance
with MIL-W-5086, LN 9251 (for AWG) and TL 6145-009 and TL
6145-011 (for metric wires). All other wires have to conform to
wire and insulation diameters with the data given in the follow-
ing table:
Contact size
Crimp- and solder contacts
Insulation
Ø
AWG
metric
AWG
metric
AWG
metric
mm
mm2
mm
10
0,75-1,0
1,45-2,5
16S/15S
16/15
16
0,75-1,5
1,6-2,8
1,60-2,8
12
25
12
2,5
2,9-3,5
2,9-3,5
60
6,0
3,5-4,9
8
100
8
10,0
4,2-5,8
5,5-6,5
4
160
4
16,0
6,2-9,0
7,1-9,0
0
500
0
50,0
10,5-13,0
10,5-13,0
Wire Stripping
Either mechanical or hot stripping can be used. Prevent
conductor or insulator damage. For solder contacts, conductors
have to be pretinned.
Note: Do not twist conductors used with crimp contacts. Do not
touch uninsulated conductors before crimping. Twisting of
conductors and grease or lubricants on the wires cause poor crimp
quality.
Contact size
Stripping length
AWG
metric
mm
10
4,0 + 0,4
16S/15S
16/15
6,0 + 0,5
12
25
6,0 + 0,5
8
60/100
11,0 + 0,8 – 0,4
4
160
11,0 + 0,8 – 0,4
0
500
13,0 + 0,8 – 0,4


Similar Part No. - 031-8557-026

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-030 ITT-031-8521-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-010 ITT-031-8531-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8531-011 ITT-031-8531-011 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 031-8557-026

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com