Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0340930000 Datasheet(PDF) 18 Page - Weidmuller

Part # 0340930000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0340930000 Datasheet(HTML) 18 Page - Weidmuller

Back Button 0340930000 Datasheet HTML 14Page - Weidmuller 0340930000 Datasheet HTML 15Page - Weidmuller 0340930000 Datasheet HTML 16Page - Weidmuller 0340930000 Datasheet HTML 17Page - Weidmuller 0340930000 Datasheet HTML 18Page - Weidmuller 0340930000 Datasheet HTML 19Page - Weidmuller 0340930000 Datasheet HTML 20Page - Weidmuller 0340930000 Datasheet HTML 21Page - Weidmuller 0340930000 Datasheet HTML 22Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Fuse terminals
141
13/69/62
13/69/63
12 mm/–/–
250 V/6.3 A1)/10 mm2
0.5…16
0.5…10
B 6
600 V/10 A/22…8 AWG
Y
Qty. W
Qty.
9509570000 20 9509600000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
5 x 20 mm
0.10 (f)
0430300000 10
0.20 (f)
0430400000 10
0.25 (f)
0430500000 10
0.50 (f)
0430600000 10
1.00 (f)
0430700000 10
1.60 (f)
0430800000 10
2.00 (f)
0430900000 10
2.50 (f)
0431000000 10
3.15 fast
0431100000 10
4.0 fast
0431200000 10
5.0 fast
0431300000 10
6.3 fast
0431400000 10
5 x 20 SBL
0446100000 40
DEK 5
see “Accessories”
13/69/62
13/69/63
12 mm/–/–
250 V/13 A2)/10 mm2
0.5…16
0.5…10
B 6
600 V/15 A/22…8 AWG
Y
Qty. W
Qty.
9509580000 20 9509610000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
1 x 1/4”
1 x 1/4" SBL 0446200000 40
DEK 5
see “Accessories”
13/69/62
13/69/63
12 mm/–/–
440 V/10 A/10 mm2
0.5…16
0.5…10
B 6
600 V/15 A/22…8 AWG
Y
Qty. W
Qty.
9509620000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
1 1/4 x 1/4”
E 2 A
0294500000 10
E 3 A
0295700000 10
E 5 A
0294600000 10
E 7 A
0295800000 10
E 10 A
0293900000 10
11/4 x1/4"SBL 0446300000
40
DEK 5
see “Accessories”
Y
Y
Y
1
) Max. fuse rating according to DIN 41 660, IEC 127 CEE4 Type 1
2
) Fuse according to BS 1362
KSKM 1
KSKM 1/35
KSKM 2
KSKM 2/35
KSKM 3
KSKM 3/35


Similar Part No. - 0340930000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0340910003 MOLEX4-0340910003 Datasheet
260Kb / 2P
   MX150 1.50mm (.059") 3 Way Single Row Cable Seal, Keying Option C, Brown
0340910004 MOLEX4-0340910004 Datasheet
260Kb / 2P
   MX150 1.50mm (.059") 3 Way Single Row Cable Seal, Keying Option D, Green
logo
Weidmuller
0340920000 WEIDMULLER-0340920000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
0340920000 WEIDMULLER-0340920000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
0340920000 WEIDMULLER-0340920000 Datasheet
48Kb / 2P
   Modular terminal, accessories, End and intermediate plate, beige, 1.5 mm
More results

Similar Description - 0340930000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com