Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0576700000 Datasheet(PDF) 14 Page - Weidmuller

Part # 0576700000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0576700000 Datasheet(HTML) 14 Page - Weidmuller

Back Button 0576700000 Datasheet HTML 10Page - Weidmuller 0576700000 Datasheet HTML 11Page - Weidmuller 0576700000 Datasheet HTML 12Page - Weidmuller 0576700000 Datasheet HTML 13Page - Weidmuller 0576700000 Datasheet HTML 14Page - Weidmuller 0576700000 Datasheet HTML 15Page - Weidmuller 0576700000 Datasheet HTML 16Page - Weidmuller 0576700000 Datasheet HTML 17Page - Weidmuller 0576700000 Datasheet HTML 18Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Stud terminals
137
W
W
a r #
34/60/82
34/62.5/74.5
–/M 10/–
1000 V1)/192 A/70 mm2
8 kV/3
10…20
207 A/70 mm2
200
600 V/175 A/12…2/0
Y
Qty. W
Qty.
9501330000 20
9506960000 20
9528330000 20
Y + W
TW right
1718530000 10
TW left
1752800000 10
2/160/83.5
2/160/78.5
QL 2
9501370000
1
DEK 5
see “Accessories”
a r #
34/60/82
34/62.5/74.5
–/M 12/–
1000 V1)/232 A/95 mm2
8 kV/3
14…31
250 A/95 mm2
200
600 V/200 A/12…3/0
Y
Qty. W
Qty.
9506970000 20
9528340000 20
Y + W
TW right
1718530000 10
TW left
1752800000 10
2/160/83.5
2/160/78.5
QL 2
9501380000
1
DEK 5
see “Accessories”
KST 12
KST 12/35
KST 10
KST 10/35


Similar Part No. - 0576700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0576261198 WEIDMULLER-0576261198 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261199 WEIDMULLER-0576261199 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261202 WEIDMULLER-0576261202 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261203 WEIDMULLER-0576261203 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0576261215 WEIDMULLER-0576261215 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results

Similar Description - 0576700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com