Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP88220 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP88220
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88220 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP88220 Datasheet HTML 2Page - Sony Corporation CXP88220 Datasheet HTML 3Page - Sony Corporation CXP88220 Datasheet HTML 4Page - Sony Corporation CXP88220 Datasheet HTML 5Page - Sony Corporation CXP88220 Datasheet HTML 6Page - Sony Corporation CXP88220 Datasheet HTML 7Page - Sony Corporation CXP88220 Datasheet HTML 8Page - Sony Corporation CXP88220 Datasheet HTML 9Page - Sony Corporation CXP88220 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
– 6 –
CXP88216/88220/88224
PPO data
Data bus
RD (Port A)
Port A direction
Port A data
Input
protection
circuit
IP
(Every bit)
Port A
1 pin
1 pin
Hi-Z
Hi-Z
Hi-Z
When reset
PA0/PPO0/HGO
PA1/PPO1
PA2/PPO2
to
PA4/PPO4
Port A
3 pins
3 pins
Hi-Z
PA5/PPO5
to
PA7/PPO7
Input/Output Circuit Formats for Pins
Port A
Pin
Circuit format
Data bus
RD (Port A)
PA0
Data bus
RD (Port A)
PA1 direction
PA0
Input
protection
circuit
IP
(Every bit)
PPO1
PPG control status
register bit 0
Tri-state control selection
PPO1
MPX
MPX
PPO0
HOUT
HSEL
HOUTE
HSEL
Output becomes active from high impedance
by data writing to port register.
PPO data
Data bus
Output becomes active from high impedance
by data writing to port register.
Port A data
RD (Port A)


Similar Part No. - CXP88220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com