Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP88216 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP88216
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88216 Datasheet(HTML) 1 Page - Sony Corporation

  CXP88216 Datasheet HTML 1Page - Sony Corporation CXP88216 Datasheet HTML 2Page - Sony Corporation CXP88216 Datasheet HTML 3Page - Sony Corporation CXP88216 Datasheet HTML 4Page - Sony Corporation CXP88216 Datasheet HTML 5Page - Sony Corporation CXP88216 Datasheet HTML 6Page - Sony Corporation CXP88216 Datasheet HTML 7Page - Sony Corporation CXP88216 Datasheet HTML 8Page - Sony Corporation CXP88216 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description
The CXP88216/88220/88224 is a CMOS 8-bit
microcomputer which consists of A/D converter,
serial interface, timer/counter, time base timer, vector
interruption, high precision timing pattern generation
circuits, PWM generator, PWM for tuner, VISS/VASS
circuit, 32kHz timer/event counter, remote control
receiving circuit, FDP controller/driver, VCR vertical
sync separation circuit and the measuring circuit
which measure signals of capstan FG and drum
FG/PG and other servo systems, as well as basic
configurations like 8-bit CPU, ROM, RAM and I/O
port. They are integrated into a single chip.
Also, CXP88216/88220/88224 provides sleep/stop
function which enables to lower power consumption
and ultra-low speed instruction mode in 32kHz
operation.
Features
• A wide instruction set (213 instructions) which cover various types of data
— 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle
During operation 250ns/16MHz, During operation 122µs/32kHz
• Incorporated ROM capacity
16Kbytes (CXP88216), 20Kbytes (CXP88220), 24Kbytes (CXP88224)
• Incorporated RAM capacity
880bytes
• Peripheral function
— A/D converter
8-bit, 8-channel, successive approximation system
(Conversion time: 20.0µs/16MHz)
— Serial I/O with auto transfer mode
Incorporated 8-stage FIFO for data (1 to 8 bytes auto transfer)
— Timer
8-bit timer/counter, 2-channel, 19-bit time base timer
— High precision timing pattern generation circuit
PPG 8 pins 32-stage programmable circuit, RTG 5 pins 2-channel
— PWM/DA gate output
12-bit, 2-channel (Repetitive frequency 62.5kHz/16MHz)
— Servo input control
Capstan FG, Drum FG/PG, CTL input
— VSYNC separator
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output for tuner
14-bit
— VISS/VASS circuit
Pulse duty auto detection circuit
— 32kHz timer/event counter
32kHz oscillation circuit, ultra-low speed instruction mode
— Remote control receiving circuit
8-bit pulse measuring counter, 6-stage FIFO
— FDP controller/driver
Max.148 segments can be displayed
Hardware key scanning function (Max.16
× 3 key matrix available)
— Tri-state output
PPG 1 pin, RTG 1 pin, output 8 pins
— Pseudo HSYNC output function
— High speed head switching circuit
• Interruption
22 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP
• Piggyback/evaluation chip
CXP88100
Structure
Silicon gate CMOS IC
– 1 –
CXP88216/88220/88224
E94626-PS
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)


Similar Part No. - CXP88216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com