Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP88140 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP88140
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88140 Datasheet(HTML) 5 Page - Sony Corporation

  CXP88140 Datasheet HTML 1Page - Sony Corporation CXP88140 Datasheet HTML 2Page - Sony Corporation CXP88140 Datasheet HTML 3Page - Sony Corporation CXP88140 Datasheet HTML 4Page - Sony Corporation CXP88140 Datasheet HTML 5Page - Sony Corporation CXP88140 Datasheet HTML 6Page - Sony Corporation CXP88140 Datasheet HTML 7Page - Sony Corporation CXP88140 Datasheet HTML 8Page - Sony Corporation CXP88140 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
CXP88132/88140
PG0/CFG
PG1/DFG
PG2/DPG
PG3/
PBCTL/EC1
PG4/
SYNC0/EC2
PG5/SYNC1
PG6/EXI0
PG7/EXI1
PH0/KR0
to
PH7/KR2
PI1/RMC
PI2/PWM
PI3/TO/
DDO/ADJ
PI4/INT1/
NMI/CS0
PI5/SCK0
PI6/SO0
PI7/SI0
EXTAL
XTAL
TEX
TX
RST
MP
VFDP
AVDD
AVREF
AVss
VDD
Vss
Input/Input
Input/Input
Input/Input
Input/Input/Input
Input/Input/Input
Input/Input
Input/Input
Input/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input/
Input/Input
I/O/Input
I/O/Output
I/O/Input
Input
Output
Input
Output
Input
Input
Input
Capstan FG input pin.
Drum FG input pin.
Drum PG input pin.
Playback CTL input pin.
Composite sync signal input pin.
External input pin for FRC capture unit.
Key return input signal for key scanning at FDP
segment signal.
External event
input pin for
timer/counter.
External event
input pin for
timer/counter.
(Port G)
8-bit input port.
(8 pins)
(Port H)
3-bit I/O port.
(3 pins)
Remote control receiving circuit input pin.
14-bit PWM output pin.
Timer/counter, CTL duty detection, 32kHz oscillation
adjustment output pin.
Input pin to request external interruption,
non-maskable interruption and for serial chip select
(CH0). Active when falling edge.
Serial clock (CH1) I/O pin.
Serial data (CH1) output pin.
Serial data (CH1) input pin.
(Port I)
8-bit I/O port.
Enable to
specify I/O by
bit unit.
(8 pins)
Connecting pin of crystal oscillator for system clock.
When supplying the external clock, input the external clock to EXTAL
pin and input opposite phase clock to XTAL pin.
Connecting pin of crystal oscillator for 32kHz timer clock.
When used as event counter, input to TEX pin and leave TX pin open.
(Feedback resistor is not removed.)
System reset pin of active "L" level.
Microprocessor mode input pin. Always connect to GND.
FPD voltage supply pin when specifying internal resistor by mask
option.
Positive power supply pin of A/D converter.
Reference voltage input pin of A/D converter.
GND pin of A/D converter.
Positive power supply pin.
GND pin. Connect both Vss pins to GND.
Symbol
I/O
Description


Similar Part No. - CXP88140

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP881P60 SONY-CXP881P60 Datasheet
371Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88140

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com