Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP88100A Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP88100A
Description  CMOS 8-bit Single Chip Microcomputer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88100A Datasheet(HTML) 1 Page - Sony Corporation

  CXP88100A Datasheet HTML 1Page - Sony Corporation CXP88100A Datasheet HTML 2Page - Sony Corporation CXP88100A Datasheet HTML 3Page - Sony Corporation CXP88100A Datasheet HTML 4Page - Sony Corporation CXP88100A Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
– 1 –
CXP88100A
E95626-ST
CMOS 8-bit Single Chip Microcomputer
Description
The CXP88100 is a CMOS 8-bit single chip micro-
computer of piggyback/evaluator combined type,
which is developed for evaluating the function of the
CXP88132/88140/88152/88160/88216/88220/88224.
Features
• A wide instruction set (213 instructions) which cover
various types of data.
— 16-bit operation/multiplication and division/
boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation
122µs at 32kHz operation
• Applicable EPROM
LCC type 27C512 (Maximum 60Kbytes are available.)
• Incorporated RAM capacity
1296 bytes
• Peripheral functions
— A/D converter
8-bit, 8-channel, successive approximation method
(Conversion time of 20.0µs/16MHz)
— Serial interface
Incorporated 8-bit and 8-stage FIFO
(auto transfer for 1 to 8 bytes), 1 channel
8-bit clock synchronous type, 1 channel
— Timer
8-bit timer, 8-bit timer/counter
19-bit time base timer, 32kHz timer/counter
— High precision timing pattern generator
PPG 8-pin, 21-stage programmable, RTG 5 pins, 2 channels
— PWM/DA gate output
PWM output 12 bits 2 channels
(Repetitive frequency 62.5kHz/16MHz)
DA gate pulse output 13 bits, 4 channels
— Servo input control
Capstan FG, drum FG/PG, CTL input
— VSYNC separator
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output
14 bits, 1 channel
— VISS/VASS circuit
Pulse duty auto detection circuit
— Remote control receiving circuit
8-bit pulse measurement counter with on-chip, 6-stage FIFO
— Fluorescent display panel controller/driver
Maximum 144 segments display possible
Hardwave key scan function
(Maximum 16 x 3 key matrix compatible.)
— Tri-state output
PPG output 1 pin, RTG output 1 pin, output 8 pins
— Psendo HSYNC output function
— High-speed head switching circuit
• Interruption
22 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin ceramic QFP
Note) Mask option depends on the type of the CXP88100A. Refer to the Products List for details.
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin PQFP (Ceramic)
Piggyback/
evaluator type


Similar Part No. - CXP88100A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP881P60 SONY-CXP881P60 Datasheet
371Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88100A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com