Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M99A Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82M99A
Description  USB Mouse Encoder 8-Bit MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99A Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82M99A_11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M99A_11 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
HT82M99E/HT82M99A
Rev. 2.60
8
April 1, 2011
Data Memory
- RAM for Bank 1
The special function registers used in the USB interface
are located in RAM Bank1. In order to access Bank1
register, only the Indirect addressing pointer MP1 can
be used and the Bank register BP should be set to 1.
The RAM bank 1 mapping is as shown.
Address 00~1FH in RAM Bank0 and Bank1 are located
in the same Registers
Indirect Addressing Register
Locations 00H and 02H are indirect addressing regis-
ters that are not physically implemented. Any read/write
operation on [00H] ([02H]) will access the data memory
pointed to by MP0 (MP1). Reading location 00H (02H)
indirectly will return the result 00H. Writing indirectly re-
sults in no operation.
The indirect addressing pointer (MP0) always points to
Bank0 RAM addresses no matter the value of Bank
Register (BP).
The indirect addressing pointer (MP1) can access
Bank0 or Bank1 RAM data according to the value of BP
which is set to 0 or 1 respectively.
The memory pointer registers (MP0 and MP1) are 7-bit
registers.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition, opera-
tions related to the status register may give different re-
sults from those intended.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R H
T M R L
T M R C
P A
P A C
P B
P B C
U S C
U S R
S C C
T B H P
P i p e _ c t r l
A W R
S T A L L
P I P E
S I E S
M I S C
F I F O 0
F I F O 1
B a n k 1
1 9 H
4 2 H
4 3 H
4 4 H
4 5 H
4 6 H
4 7 H
4 8 H
4 9 H
4 1 H
Bank 1 RAM Mapping


Similar Part No. - HT82M99A_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99AE HOLTEK-HT82M99AE Datasheet
367Kb / 47P
   USB Mouse Encoder 8-Bit MCU
HT82M99AE HOLTEK-HT82M99AE_08 Datasheet
326Kb / 44P
   USB Mouse Encoder 8-Bit MCU
More results

Similar Description - HT82M99A_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
   USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M9AE HOLTEK-HT82M9AE_09 Datasheet
291Kb / 46P
   USB Mouse Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com