Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

291C42B0R600AB Datasheet(PDF) 1 Page - CTS Corporation

Part # 291C42B0R600AB
Description  Precision, Long-life Compact 12mm Size Optical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

291C42B0R600AB Datasheet(HTML) 1 Page - CTS Corporation

  291C42B0R600AB Datasheet HTML 1Page - CTS Corporation 291C42B0R600AB Datasheet HTML 2Page - CTS Corporation 291C42B0R600AB Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision, Long-life
Compact 12mm Size
Series 291
1 - 3
© 2011 CTS Corporation. All rights reserved. Information subject to change.
7/17/12
CTS Electrocomponents
www.ctscorp.com
Data Sheet
Optical Encoder
®
Electrocomponents
• Package Size (12 X 14 X 7 mm)
• 3 Million life cycles (No detent)
Electrical and Mechanical Specifications
Operating Voltage
5.0 ± 0.25 VDC
Supply Current
5.0 VDC @ 30mA maximum
Push-Pull Strength of Shaft
20 kg minimum for 10 seconds
• 1 Million life cycles(With detent)
Features
Optical Encoder
Encoder:
Special
Consult CTS for custom features not
listed
Terminal Pull-out Strength
6 kg minimum for 10 seconds
Solder Heat Resistance
350°C for 5 seconds
Mechanical Vibration
15G, ( MIL-STD-883F-2004)
Mechanical Shock
3.3 ± 0.125 VDC
Output Code
2-Bit Quadrature
Channel A leads channel B by 90°
electrically during clockwise rotation
of the shaft
3.3 VDC @ 24mA maximum
Temperature Range
Operating: - 40°C to 85°C
Storage: - 55°C to 100°C
Rotational Life (@30 RPM)
3 Million cycles (No detent)
1 Million cycles (With detent)
Resolution
6, 8 Pulses per Revolution
Durable Metal Shaft & Bushing
• Optional momentary switch
• RoHS Compliant
• Multiple options for terminations,
resolution,cables, voltage
Rotational Torque
Detent Options
0, 24, 32
Minimum Sink Current
2.0 mA for 5.0 VDC
1.0 mA for 3.3 VDC
Running: 20 ± 10 gf-cm
Power Consumption
150 mW maximum for 5.0 VDC
80 mW maximum for 3.3 VDC
Detent: 140 ± 50 gf-cm (
24 Detents)
100 ± 50 gf-cm (
32 Detents)
100G, ( MIL-STD-883F-2004)


Similar Part No. - 291C42B0R600AB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
291 DBLECTRO-291 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
logo
Cornell Dubilier Electr...
291 CDE-291 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
logo
Advanced Energy Industr...
291 ADVANCEDENERGY-291 Datasheet
169Kb / 2P
   MONROE 291
01 03.20
logo
DB Lectro Inc
291-021-0500 DBLECTRO-291-021-0500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
291-021-1500 DBLECTRO-291-021-1500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
More results

Similar Description - 291C42B0R600AB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
TOCOSAMERICA, INC.
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
   12mm Rotary Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
   12mm Rotary Encoder
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com