Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56R64 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT56R64
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R64 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT56R64_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
HT56R64
Rev. 1.60
12
May 21, 2012
· Location 010H
This internal vector is used by the Timer/Event Coun-
ter 1. If a Timer/Event Counter 1 overflow occurs, the
program will jump to this location and begin execution
if the timer/event counter interrupt is enabled and the
stack is not full.
· Location 014H
This internal vector is used by the SPI/I
2C interrupt.
When either an SPI or I
2C bus, dependent upon which
one is selected, requires data transfer, the program
will jump to this location and begin execution if the
SPI/I
2C interrupt is enabled and the stack is not full.
· Location 018H
This internal vector is used by the Multi-function Inter-
rupt. When the Time Base overflows, the Real Time
Clock overflows, the A/D converter completes its con-
version process, or an active edge appears on the Ex-
ternal Peripheral interrupt pin, the program will jump to
this location and begin execution if the relevant inter-
rupt is enabled and the stack is not full.
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register,
TBLP. This register defines the lower 8-bit address of
the look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
The following diagram illustrates the addressing/data
flow of the look-up table:
N o t I m p l e m e n t e d
1 5 b i t s
0 1 4 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l I N T 0
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 0
I n t e r r u p t V e c t o r
S P I / I 2 C
I n t e r r u p t V e c t o r
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 8 H
F F F H
E x t e r n a l I N T 1
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 1
I n t e r r u p t V e c t o r
M u l t i _ F u n c t i o n
I n t e r r u p t V e c t o r
Program Memory Structure
Instruction
Table Location Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC11
PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC11~PC8: Current program counter bits
@7~@0: Table Pointer TBLP bits
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
T a b l e C o n t e n t s H i g h B y t e
T a b l e C o n t e n t s L o w B y t e


Similar Part No. - HT56R64_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R642 HOLTEK-HT56R642 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R642 HOLTEK-HT56R642 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R642 HOLTEK-HT56R642_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R644 HOLTEK-HT56R644 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R644 HOLTEK-HT56R644 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R64_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com