Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT56R64 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT56R64
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R64 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT56R64_12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R64_12 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
HT56R64
Rev. 1.60
65
May 21, 2012
Register
Reset
(Power-on)
RES Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
CLKMOD
000
- 0011
000
- 0011
000
- 0011
uuuu
- uuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTEDGE
---- 0000
---- 0000
---- 0000
---- uuuu
LCDCTRL
0000 0000
0000 0000
0000 0000
uuuu uuuu
LCDOUT1
---- -- 00
---- -- 00
---- -- 00
---- -- uu
LCDOUT2
0000 0000
0000 0000
0000 0000
uuuu uuuu
MISC
0000 1010
0000 1010
0000 1010
uuuu uuuu
MFIC
0000 0000
0000 0000
0000 0000
uuuu uuuu
SIMCON0
1110 0000
1110 0000
1110 0000
uuuu uuuu
SIMCON1
1000 00
- 1
1000 00
- 1
1000 00
- 1
uuuu uu
- u
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMAR/SIMCON2
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Five types of system clocks can be selected
while various clock source options for the Watchdog
Timer are provided for maximum flexibility. All oscillator
options are selected through the configuration options.
System Clock Configurations
There are five methods of generating the system clock,
two high oscillators, two low oscillators and an externally
supplied clock. The two high oscillators are the external
crystal/ceramic oscillator and the external RC network.
The two low oscillators are the fully integrated 32K_INT
oscillator and the external RTC oscillator. Selecting
whether the low or high oscillator is used as the system
oscillator is implemented using the HLCLK bit in the
CLKMOD register. The source clock for the high and low
oscillators is chosen via configuration options. The fre-
quency of the slow oscillator is also determined using
the SLOWC0~SLOWC2 bits in the CLKMOD register.
System Crystal/Ceramic Oscillator
After selecting the correct oscillator configuration op-
tion, for most crystal oscillator configurations, the simple
connection of a crystal across OSC1 and OSC2 will cre-
ate the necessary phase shift and feedback for oscilla-
tion, without requiring external capacitors. However, for
some crystal types and frequencies, to ensure oscilla-
tion, it may be necessary to add two small value capaci-
tors, C1 and C2. Using a ceramic resonator will usually
require two small value capacitors, C1 and C2, to be
connected as shown for oscillation to occur. The values
of C1 and C2 should be selected in consultation with the
crystal or resonator manufacturer
¢s specification. In
most applications, resistor RP1 is not required, however
for those applications where the LVR function is not
used, RP1 may be necessary to ensure the oscillator
stops running when VDD falls below its operating range.
The internal oscillator circuit contains a filter circuit to re-
duce the possibility of erratic operation due to noise on
the oscillator pins.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
O S C 2
O S C 1
C 2
C 1
R P 1
Crystal/Ceramic Oscillator


Similar Part No. - HT56R64_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R642 HOLTEK-HT56R642 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R642 HOLTEK-HT56R642 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R642 HOLTEK-HT56R642_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R644 HOLTEK-HT56R644 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R644 HOLTEK-HT56R644 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R64_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com