Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP87748A Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP87748A
Description  CMOS 8-bit Single Chip Microcomputer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87748A Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP87748A Datasheet HTML 6Page - Sony Corporation CXP87748A Datasheet HTML 7Page - Sony Corporation CXP87748A Datasheet HTML 8Page - Sony Corporation CXP87748A Datasheet HTML 9Page - Sony Corporation CXP87748A Datasheet HTML 10Page - Sony Corporation CXP87748A Datasheet HTML 11Page - Sony Corporation CXP87748A Datasheet HTML 12Page - Sony Corporation CXP87748A Datasheet HTML 13Page - Sony Corporation CXP87748A Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
– 10 –
CXP87740A/87748A
SO0 output enable
SO0 from SIO
3 pins
Hi-Z
Hi-Z
PIn
When reset
Circuit format
PI1/RMC
PI4/INT1/NMI
PI7/SI1
PI5/SCK1
PI6/SO1
2 pins
8 pins
1 pin
Hi-Z
Hi-Z
Hi-Z
PJ0
to
PJ7
Standby release
Port J data
IP
Data bus
RD
(Port J)
Port J direction
Edge detection
MPX
Port I data
IP
Data bus
RD (Port I)
Port I direction
Port I function
select
MPX
To serial CH1
Note)
PI5 is schmitt input
PI6 is inverter input
From serial CH1
PI1: To remote control circuit
PI4: To interruption circuit
PI7: To serial CH1
Port I data
IP
Data bus
RD (Port I)
Port I direction
Schmitt input
Port J
CS0
SI0
IP
Schmitt input
To SIO
2 pins
SO0
Port I
Port I


Similar Part No. - CXP87748A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87700 SONY-CXP87700 Datasheet
261Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP877P48A SONY-CXP877P48A Datasheet
560Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP87748A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com