Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1103KSOT Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS1103KSOT
Description  Unipolar Hall-Effect Digital Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1103KSOT Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS1103KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1103KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1103KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1103KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1103KSOT Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SS1103
Unipolar Hall-Effect Digital Switch
4
V2.00
May 1, 2012
General Electrical Specifications
DC Operating Parameters TA = 25℃, VDD= 4.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
4.5
24
V
Supply Current
IDD
B < BRP
4
5
7
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.3
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
0.1
10
µA
Output Rise Time
tr
RL = 820Ω, CL = 20pF
0.04
2.0
µs
Output Fall Time
tf
RL =820Ω, CL = 20pF
0.18
2.0
µs
Magnetic Specifications
DC Operating Parameters VDD = 4.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
150
170
190
G
Release Point
BRP
100
125
160
G
Hysteresis
B
HYS
Ta=25℃,Vdd=12V DC
45
G
Application Information
 


Similar Part No. - SS1103KSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1103KSOT SECELECTRONICS-SS1103KSOT Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS1103KSOT SECELECTRONICS-SS1103KSOT Datasheet
198Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results

Similar Description - SS1103KSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com