Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP87540 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP87540
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87540 Datasheet(HTML) 1 Page - Sony Corporation

  CXP87540 Datasheet HTML 1Page - Sony Corporation CXP87540 Datasheet HTML 2Page - Sony Corporation CXP87540 Datasheet HTML 3Page - Sony Corporation CXP87540 Datasheet HTML 4Page - Sony Corporation CXP87540 Datasheet HTML 5Page - Sony Corporation CXP87540 Datasheet HTML 6Page - Sony Corporation CXP87540 Datasheet HTML 7Page - Sony Corporation CXP87540 Datasheet HTML 8Page - Sony Corporation CXP87540 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CMOS 8-bit Single Chip Microcomputer
Description
The CXP87532/87540 is a CMOS 8-bit micro-
computer which consists of arithmetic coprocessor,
A/D converter, serial interface, timer/counter, time
base timer, vector interruption, high precision timing
pattern generation circuit, PWM generator and the
measuring circuit which measures signals of capstan
FG, drum FG/PG, reel FG and other servo systems,
as well as basic configurations like 8-bit CPU, ROM,
RAM and I/O port. They are integrated into a single
chip.
Also this IC provides power on reset function,
sleep/stop function which enables to lower power
consumption.
Features
• A wide instruction set (213 instructions) which covers various types of data
— 16-bit operation multiplycation and division/boolean bit operation instructions
• Minimum instruction cycle
During operation 326ns/12.288MHz
• Incorporated ROM capacity
32K bytes (CXP87532)
40K bytes (CXP87540)
• Incorporated RAM capacity
1344 bytes
• Peripheral functions
— Arithmetic coprocessor
Multiplying with code, sum of products with code, high speed
execution of many bits shift rotation operation
— A/D converter
8-bit, 8-channel, successive approximation system
(Conversion time 13µs/12.288MHz)
Incorporated 3-stage FIFO for A/D conversion data
— Serial interface
Incorporated buffer RAM for data
(1 to 128 bytes auto transfer) 2-channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
— High precision timing pattern generator
PPG (11 pins) 32-stage programmable
— PWM output
12-bit, 2-channel (Repeated frequency 48kHz)
8-bit, 3-channel (Repeated frequency 48kHz)
— Servo input control
Capstan FG, Drum FG/PG, Reel FG input
— FRC capture unit
Incorporated 28-bit and 8-stage FIFO
• Interruption
12 factors, 12 vectors, multi-interruption possible
• Standby mode
Sleep/stop
• Package
100-pin plastic QFP/LQFP
• Piggyback/Evaluation
CXP87500 100-pin ceramic QFP/LQFP
Structure
Silicon gate CMOS IC
– 1 –
E93820A81-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP87532/87540
100 pin QFP (Plastic)
100 pin LQFP (Plastic)


Similar Part No. - CXP87540

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87500 SONY-CXP87500 Datasheet
258Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP875P40 SONY-CXP875P40 Datasheet
516Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP87540

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com