Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP874P60 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP874P60
Description  CMOS 8-bit Single Chip Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP874P60 Datasheet(HTML) 1 Page - Sony Corporation

  CXP874P60 Datasheet HTML 1Page - Sony Corporation CXP874P60 Datasheet HTML 2Page - Sony Corporation CXP874P60 Datasheet HTML 3Page - Sony Corporation CXP874P60 Datasheet HTML 4Page - Sony Corporation CXP874P60 Datasheet HTML 5Page - Sony Corporation CXP874P60 Datasheet HTML 6Page - Sony Corporation CXP874P60 Datasheet HTML 7Page - Sony Corporation CXP874P60 Datasheet HTML 8Page - Sony Corporation CXP874P60 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Description
The CXP874P60 is a CMOS 8-bit microcomputer
which consists of A/D converter, serial interface
(2ch independently), timer/counter, time base timer,
vector interruption, high precision timing pattern
generation circuit (PPG 2ch independently, RTG 2ch
independently), PWM generator, general purpose
prescaler, PWM for tuner, VCR vertical sync
separation circuit and the measuring circuit which
measure signals of capstan FG and drum FG/PG
and
other
servo
systems,
as
well
as
basic
configurations like 8-bit CPU, PROM, RAM and I/O
port. They are integrated into a single chip.
Also
CXP874P60
provides
power
on
reset
function, sleep/stop function which enables to lower
power consumption .
CXP874P60 is the PROM-incorporated version of
the CXP87452/87460 with built-in mask ROM. This
provides the additional feature of being able to write
directly into the program. Thus, it is most suitable for
evaluation use during system development and for
small-quantity production.
Features
• A wide instruction set (213 instructions) which cover various types of data
— 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle
During operation 333ns/12MHz (3.0 to 5.5V)
During operation 250ns/16MHz (4.5 to 5.5V)
• Incorporated PROM capacity
60K bytes
• Incorporated RAM capacity
1568 bytes
• Peripheral functions
— A/D converter
8-bit, 12-channel, successive approximation system
(Conversion time: 20µs/16MHz)
— Serial interface
Incorporated buffer RAM (1 to 32 bytes auto transfer) 1-channel
Incorporated 8-bit and 8-stage FIFO
(1 to 8 bytes auto transfer) 1-channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
— High precision timing pattern generator
PPG 19 pins 32-stage programmable
PPG 10 pins 21-stage programmable
RTG 5 pins 2-channel
— PWM/DA gate output
PWM 12-bit, 2-channel (Repetitive frequency 62.5kHz/16MHz)
DA gate pulse 12-bit, 4-channel
— Servo input control
Capstan FG, Drum FG/PG, CTL input
— VSYNC separator
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output
14-bit, 1-channel
— General purpose prescaler
10-bit (System clock asynchronous)
— Pulse cycle measurement circuit
• Interruption
18 factors, 14 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP/LQFP
Structure
Silicon gate CMOS IC
– 1 –
CXP874P60
E95112-ST
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)
100 pin LQFP (Plastic)


Similar Part No. - CXP874P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87400 SONY-CXP87400 Datasheet
549Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP87452 SONY-CXP87452 Datasheet
598Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP87460 SONY-CXP87460 Datasheet
598Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP874P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com