Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0303400000 Datasheet(PDF) 20 Page - Weidmuller

Part # 0303400000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0303400000 Datasheet(HTML) 20 Page - Weidmuller

Back Button 0303400000 Datasheet HTML 12Page - Weidmuller 0303400000 Datasheet HTML 13Page - Weidmuller 0303400000 Datasheet HTML 14Page - Weidmuller 0303400000 Datasheet HTML 15Page - Weidmuller 0303400000 Datasheet HTML 16Page - Weidmuller 0303400000 Datasheet HTML 17Page - Weidmuller 0303400000 Datasheet HTML 18Page - Weidmuller 0303400000 Datasheet HTML 19Page - Weidmuller 0303400000 Datasheet HTML 20Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
311
Housings
Ordering data
Technical data
Input voltage
Output voltage
Rated current
Flammability class acc. to UL 94
Insulation coordination acc. to EN 50178
Rated voltage
Rated impulse voltage
Input circuit
Output circuit
Input < output
Overvoltage category
Pollution severity
Ambient conditions
Ambient temperature
Storage temperature
Dimensions
Length / width / height
Soldering pin
1) equipped with with contact sockets B, C, F, H
2) equipped with with contact sockets A, B, C, F, H
Type
Cat. No.
OS2
94552100001)
OS2/5
94576400002)
250 V
250 V
5 A
V-2
250 V
4 kV (1.2/50 µs)
4 kV (1.2/50 µs)
< 8 kV (1.2/50 µs)
III
2
- 25°C … + 50°C
- 40°C … + 85°C
49,78 / 12.5 /13.2 mm
3.2 mm
* Soldering process ventilation not dimensioned in detail
Pluggable relay socket RSS 5MM
Suitable for PCB mounting
For miniature all-or-nothing relays type Tyco SNR,
NAIS APE …
Mechanical interlock with eject lever
Ordering data
Technical data
Input voltage
Output voltage
Max. switching current
Rated current
Flammability class acc. to UL 94
Insulation coordination acc. to EN 50178
Rated voltage
Rated impulse voltage
Input circuit
Output circuit
Input < output
Overvoltage category
Pollution severity
Ambient conditions
Ambient temperature
Storage temperature
Dimensions
Length / width / height
Soldering pin
Type
Cat. No.
RSS 5 MM
4056360000
250 V
250 V
6 A
5 A
V-2
250 V
4 kV (1.2/50 µs)
4 kV (1.2/50 µs)
< 8 kV (1.2/50 µs)
III
2
- 25°C … + 50°C
- 40°C … + 85°C
30.2 / 5 / 30 mm
3.5 mm
*
Semi-wire relay socket OS 2 and OS
2/5
Suitable for PCB mounting
For solid state relais Type Opto 22, Crouzet …
Secured in socket by fixing screws
integrated in the module
lock srew


Similar Part No. - 0303400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0303400000 WEIDMULLER-0303400000 Datasheet
1Mb / 52P
   SAK-series
0303400000 WEIDMULLER-0303400000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 0303400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com