Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP87248A Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP87248A
Description  CMOS 8-bit Single Chip Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87248A Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP87248A Datasheet HTML 7Page - Sony Corporation CXP87248A Datasheet HTML 8Page - Sony Corporation CXP87248A Datasheet HTML 9Page - Sony Corporation CXP87248A Datasheet HTML 10Page - Sony Corporation CXP87248A Datasheet HTML 11Page - Sony Corporation CXP87248A Datasheet HTML 12Page - Sony Corporation CXP87248A Datasheet HTML 13Page - Sony Corporation CXP87248A Datasheet HTML 14Page - Sony Corporation CXP87248A Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
– 11 –
CXP87240A/87248A
4 pins
Hi-Z
PF4/AN8
to
PF7/AN11
A/D
converter
Data bus
RD
(Port F)
Port/AD select
IP
Port F data
Input multiplexer
Port F
8 pins
Hi-Z
PG0/CFG
PG1/DFG
PG2/DPG
PG3/PBCTL
PG4/SYNC0
PG5/SYNC1
PG6/EXI0
PG7/EXI1
IP
RD (Port G)
Data bus
Schmitt input
Servo input
Note) For PG4/SYNC0, PG5/SYNC1, CMOS schmitt input and TTL schmitt
input can be selected with the mask option.
Port G
8 pins
Hi-Z
PH0
to
PH7
Data bus
RD (Port H)
Port H data
High current
12mA
Medium withstand
voltage 12V
Port H
2 pins
Hi-Z
PI2/PWM
PI3/TO/
DDO/ADJ
PI2: From 14-bit PWM
PI3: From timer/counter,
CTL duty detection circuit,
32kHz timer
MPX
Port I data
IP
Data
bus
RD (Port I)
Port I direction
Port I function
select
Port I
When reset
Pin
Circuit format


Similar Part No. - CXP87248A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP87248A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com