Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0383400000 Datasheet(PDF) 16 Page - Weidmuller

Part # 0383400000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0383400000 Datasheet(HTML) 16 Page - Weidmuller

Back Button 0383400000 Datasheet HTML 12Page - Weidmuller 0383400000 Datasheet HTML 13Page - Weidmuller 0383400000 Datasheet HTML 14Page - Weidmuller 0383400000 Datasheet HTML 15Page - Weidmuller 0383400000 Datasheet HTML 16Page - Weidmuller 0383400000 Datasheet HTML 17Page - Weidmuller 0383400000 Datasheet HTML 18Page - Weidmuller 0383400000 Datasheet HTML 19Page - Weidmuller 0383400000 Datasheet HTML 20Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
307
Housings
SEG-U/LPU
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
EG 4 – Fig. VI
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 22…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
dekafix 6.5
EG 5 – Fig. VII
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 22…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
20 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 26…14
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5
EG 6
Type
Cat. No.
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EW 35
0383560000
dekafix 6.5
with assembly plate MPL
with assembly plate MPL
Anreihmaß
EG 3 - Fig. V


Similar Part No. - 0383400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0383400000 WEIDMULLER-0383400000 Datasheet
1Mb / 52P
   SAK-series
0383400000 WEIDMULLER-0383400000 Datasheet
55Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
0383400000 WEIDMULLER-0383400000 Datasheet
54Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
0383400000 WEIDMULLER-0383400000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 0383400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com