Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16129 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16129
Description  Load-Dump/Reverse-Voltage Protection Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16129 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16129 Datasheet HTML 1Page - Maxim Integrated Products MAX16129 Datasheet HTML 2Page - Maxim Integrated Products MAX16129 Datasheet HTML 3Page - Maxim Integrated Products MAX16129 Datasheet HTML 4Page - Maxim Integrated Products MAX16129 Datasheet HTML 5Page - Maxim Integrated Products MAX16129 Datasheet HTML 6Page - Maxim Integrated Products MAX16129 Datasheet HTML 7Page - Maxim Integrated Products MAX16129 Datasheet HTML 8Page - Maxim Integrated Products MAX16129 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Maxim Integrated
MAX16128/MAX16129
Load-Dump/Reverse-Voltage Protection Circuits
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, CGATE-SOURCE = 1nF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Cold-Crank Threshold
VCCK
VIN falling
0.97 x
VCCK
VCCK
1.03 x
VCCK
V
Internal Cold-Crank Threshold Hysteresis VCCK_HYS
0.05 x
VCCK
V
OUT Input Resistance to Ground
ROUT
MAX16128
4
mI
MAX16129
2
POK Threshold Rising
VPOK+
0.9 x VIN
V
POK Threshold Falling
VPOK-
0.87 x
VIN
V
Startup Response Time
tSTART
(Note 3)
150
F
s
Autoretry Timeout
tRETRY
150
ms
GATE Rise Time
tRISE
VGATE rising (GND to VSRC + 8V)
1
ms
Overvoltage-to-GATE Propagation Delay
tOVG
VIN rising (MAX16128) from
(0.9 x VOV_TH) to (1.1 x VOV_TH),
VOUT rising (MAX16129) from
(0.9 x VOV_TH) to (1.1 x VOV_TH)
1
F
s
Undervoltage-to-GATE Propagation
Delay
tUVG
VIN falling from (1.1 x VUV_TH) to
(0.9 x VUV_TH)
21
F
s
Overvoltage to FLAG Propagation Delay
tOV
VIN rising (MAX16128) from
(0.9 x VOV_TH) to (1.1 x VOV_TH)
VOUT rising (MAX16129) from
(0.9 x VOV_TH) to (1.1 x VOV_TH)
1
F
s
GATE Output Voltage High Above VSRC
VGS
VIN = VSRC = VOUT = 3V,
IGATE = -1FA
5
5
5.5
V
VIN = VSRC = VOUT = 12V,
IGATE = -1FA
8
9
10
VIN = VSRC = VOUT = 24V,
IGATE = -1FA
7
8.5
10
VIN = VSRC = VOUT = 30V,
IGATE = -1FA
6.25
8
9.5
GATE Pulldown Current
IPD
VGATE = 12V
8.8
mA
GATE Charge-Pump Current
IGATE
VIN = VGATE = VSRC = 12V
180
F
A
Thermal Shutdown
T+
+145
N
C
Thermal-Shutdown Hysteresis
δT
15
N
C
SHDN Logic-High Input Voltage
VIH
1.4
V
SHDN Logic-Low Input Voltage
VIL
0.4
V


Similar Part No. - MAX16129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16129UA___++ MAXIM-MAX16129UA___+ Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
More results

Similar Description - MAX16129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
LDP01-XXAY STMICROELECTRONICS-LDP01-XXAY Datasheet
457Kb / 11P
   Automotive TVS for load dump protection
October 2015 Rev 2
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
   Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
   Load Dump Protector
logo
IK Semicon Co., Ltd
IK642B IKSEMICON-IK642B Datasheet
417Kb / 11P
   load-dump protected
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
   Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com