Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16129 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX16129
Description  Load-Dump/Reverse-Voltage Protection Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16129 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16129 Datasheet HTML 7Page - Maxim Integrated Products MAX16129 Datasheet HTML 8Page - Maxim Integrated Products MAX16129 Datasheet HTML 9Page - Maxim Integrated Products MAX16129 Datasheet HTML 10Page - Maxim Integrated Products MAX16129 Datasheet HTML 11Page - Maxim Integrated Products MAX16129 Datasheet HTML 12Page - Maxim Integrated Products MAX16129 Datasheet HTML 13Page - Maxim Integrated Products MAX16129 Datasheet HTML 14Page - Maxim Integrated Products MAX16129 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
Maxim Integrated
MAX16128/MAX16129
Load-Dump/Reverse-Voltage Protection Circuits
Ordering Information
Note: The first “_” is a placeholder for the undervoltage threshold. A desired undervoltage threshold is set by the letter suffix found
in Table 2. The second “_” is a placeholder for the overvoltage threshold. A desired overvoltage threshold is set by the letter suffix
found in Table 3. The third “_” is a placeholder for the CCK threshold set by the letter suffix found in Table 4. For MAX16128 options,
the fourth “_” is a placeholder for the switch-mode option. A desired switch mode is set by the letter suffix found in Table 5.
+Denotes a lead(Pb)-free/RoHS-compliant package.
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
Chip Information
PROCESS: BiCMOS
Table 4. CCK Threshold (Third Suffix)
Table 3. OV Threshold (V) (Second Suffix)
Table 5. Switch Mode Option (MAX16128 Only)
Table 2. UV Threshold (V) (First Suffix)
Selector Guide
PART
TEMP RANGE
PIN-PACKAGE
FUNCTION
MAX16128AUA_ _ _ _+
-40°C to +125°C
8 FMAX
Switch Mode
MAX16129AUA_ _ _+
-40°C to +125°C
8 FMAX
Limiter Mode
PART
PIN-
PACKAGE
TOP
MARK
FUNCTION
MAX16128AUAACAC+
8 FMAX
+AACE
Switch Mode
MAX16129AUAEBD+
8 FMAX
+AACG Limiter Mode
PART SUFFIX
OV THRESHOLD (TYP) (V)
A
13.64
B
15
C
18.6
D
20.93
E
24.16
F
28.66
G
31.62
PART SUFFIX
SWITCH MODE
A
Always autoretry
B
One retry, then latch
C
Three retries, then latch
D
Latch mode
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 FMAX
U8+1
21-0036
90-0092
PART SUFFIX
UV THRESHOLD (TYP) (V)
A
3
B
5
C
5.98
D
7.03
E
8.13
F
9.09
G
10.3
PART SUFFIX
CCK THRESHOLD (TYP) (V)
A
No CCK
B
5.64
C
7.65
D
9.67


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn