Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16129 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX16129
Description  Load-Dump/Reverse-Voltage Protection Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16129 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16129 Datasheet HTML 3Page - Maxim Integrated Products MAX16129 Datasheet HTML 4Page - Maxim Integrated Products MAX16129 Datasheet HTML 5Page - Maxim Integrated Products MAX16129 Datasheet HTML 6Page - Maxim Integrated Products MAX16129 Datasheet HTML 7Page - Maxim Integrated Products MAX16129 Datasheet HTML 8Page - Maxim Integrated Products MAX16129 Datasheet HTML 9Page - Maxim Integrated Products MAX16129 Datasheet HTML 10Page - Maxim Integrated Products MAX16129 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Maxim Integrated
MAX16128/MAX16129
Load-Dump/Reverse-Voltage Protection Circuits
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
OUT
Output Voltage-Sense Input. Connect OUT to the load with a 100I series resistor. Bypass with a minimum
10FF capacitor to GND.
2
SRC
Source Input. Connect SRC to the common source connection of the external MOSFETs. When the
MOSFETs are turned off, this connection is clamped to GND. An external zener diode between SRC and
GATE protects the gates of the external MOSFETs.
3
GATE
Gate-Driver Output. Connect GATE to the gates of the external n-channel MOSFETs. GATE is the charge-
pump output during normal operation. GATE is quickly pulled low during a fault condition or when SHDN
is pulled low.
4
IN
Positive Supply Input Voltage. Connect IN to the positive side of the input voltage. Bypass IN with a 0.1FF
ceramic capacitor to GND.
5
SHDN
Shutdown Input. Drive SHDN low to force GATE and FLAG low and turn off the external n-channel
MOSFETs. Connect a 100kI resistor from SHDN to IN for normal operation.
6
GND
Ground
7
I.C.
Internally connected to GND
8
FLAG
FLAG Output. During startup, FLAG is low as long as VOUT is lower than 90% of VIN and after that
it is high impedance. It asserts low during shutdown mode, an overvoltage, thermal shutdown, or
undervoltage fault or when VOUT falls below 90% of VIN. FLAG asserts low during a cold-crank fault to
signal reverse-current protection.
TOP VIEW
+
1
2
3
4
8
7
6
5
FLAG
I.C.
GND
IN
GATE
SRC
OUT
MAX16128
MAX16129
µMAX
SHDN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn