Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15090A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15090A
Description  2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15090A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15090A Datasheet HTML 1Page - Maxim Integrated Products MAX15090A Datasheet HTML 2Page - Maxim Integrated Products MAX15090A Datasheet HTML 3Page - Maxim Integrated Products MAX15090A Datasheet HTML 4Page - Maxim Integrated Products MAX15090A Datasheet HTML 5Page - Maxim Integrated Products MAX15090A Datasheet HTML 6Page - Maxim Integrated Products MAX15090A Datasheet HTML 7Page - Maxim Integrated Products MAX15090A Datasheet HTML 8Page - Maxim Integrated Products MAX15090A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Maxim Integrated
MAX15090/MAX15090A
2.7V to 18V, 12A, Hot-Swap Solution
with Current Report Output
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 33.2kω, and
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OV, UV, EN Input Leakage
Current
ILEAK
VOV = VUV = VEN = 0 to 5V
-1
+1
F
A
CB Source Current
ITHCB_NORM
Power-on mode
12
F
A
CURRENT LIMIT
Circuit-Breaker Accuracy
(Note 3)
ICB,TH
VIN = 12V
RCB = 40.2kω
10.85
12.06
13.27
A
RCB = 10kω
2.7
3
3.3
Circuit-Breaker Accuracy
Deviation
RCB = 10kω to 40.2kω, compared to
nominal current-limit value
-10
+10
%
Slow-Comparator Response
Time (Note 4)
tSCD
0.6% overcurrent
2.7
ms
30% overcurrent
200
F
s
Maximum Current Limit During
Startup
ILIM
(see Figure 2)
ICB,TH
A
Fast-Comparator Threshold
IFC_TH
1.5 x
ICB,TH
A
Fast-Comparator Response
Time
tFCD
200
ns
Minimum CB Voltage Reference
During Foldback (Note 5)
VTHCB_MIN
VIN - VOUT > 10V, RCB = 40.2kω
60
mV
Maximum CB Voltage
Reference During Foldback
(Note 5)
VTHCB_MAX
VIN - VOUT < 2V, RCB = 40.2kω
240
mV
TIMING
Startup Maximum Time Duration
tSU
43
48
53
ms
Autorestart Delay Time
tRESTART
3.2
s
Time Delay Comparator High
Threshold
VDLY_TH
1.85
2
2.15
V
Time Delay Pullup Current
IDLY
1.6
1.9
2.2
F
A
Output Short Detection at
Startup
tSHORT
10.8
12
13.2
ms
MOSFET
Total On-Resistance
RON
TA = +25°C
5.5
7.5
TA = -40°C to +85°C
9
GATE Charge Current
IGATE
4.5
5.7
7
F
A


Similar Part No. - MAX15090A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090AEWI++ MAXIM-MAX15090AEWI+ Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
More results

Similar Description - MAX15090A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090_13 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
   2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
   Solution with Current Report Output
Rev 1; 9/13
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com