Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15021 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
10
Maxim Integrated
Detailed Description
The MAX15021 incorporates dual-output, PWM, step-
down, DC-DC regulators with tracking and sequencing
options. The device operates over the input-voltage
range of 2.5V to 5.5V. Each PWM regulator provides an
adjustable output down to 0.6V and delivers up to 4A
(regulator 1) and 2A (regulator 2) of load current. The
high switching frequency (up to 4MHz) and integrated
power switches optimize the MAX15021 for high-perfor-
mance and small-size power management solutions.
Each of the MAX15021 PWM regulator sections utilizes
a voltage-mode control scheme for good noise immuni-
ty and offers external compensation allowing for maxi-
mum flexibility with a wide selection of inductor values
and capacitor types. The device operates at a fixed
switching frequency that is programmable from 500kHz
to 4MHz with a single resistor. Operating the regulators
with 180° out-of-phase clocking, and at frequencies up
to 4MHz, significantly reduces the RMS input ripple
current. The resulting peak input current reduction (and
increase in the ripple frequency) significantly reduces
the required amount of input bypass capacitance.
The MAX15021 provides coincident tracking, ratiomet-
ric tracking, or sequencing to allow tailoring of power-
up/power-down sequence depending on the system
requirements. When sequencing, it powers up glitch-
free into a prebiased output.
The MAX15021 includes internal undervoltage lockout
with hysteresis, digital soft-start/soft-stop for “glitch-free”
power-up and power-down. Protection features include
lossless, cycle-by-cycle current limit, hiccup-mode out-
put short-circuit protection, and thermal shutdown.
Undervoltage Lockout (UVLO)
The supply voltage (VAVIN) must exceed the default
UVLO threshold before any operation starts. The UVLO
circuitry keeps the MOSFET drivers, oscillator, and all
the internal circuitry shut down to reduce current con-
sumption. The UVLO rising threshold is 2.2V (typ) with
a 120mV (typ) hysteresis.
Digital Soft-Start/Soft-Stop
The MAX15021 soft-start feature allows the load volt-
age to ramp up in a controlled manner, eliminating out-
put-voltage overshoot. Soft-start begins after VAVIN
exceeds the undervoltage lockout threshold and the
enable input is above 1.225V (typ). The soft-start cir-
cuitry ramps up the reference voltage, controlling the
rate of rise of the output voltage, and reducing input
surge currents during startup. The soft-start duration is
4096 clock cycles. The output voltage is incremented
through 64 equal steps. The output reaches regulation
when soft-start is completed, regardless of the output
capacitance and load.
For tracking applications, soft-stop commences when the
enable input falls below 1.1V (typ). The soft-stop circuitry
ramps down the reference voltage controlling the output-
voltage rate of fall. The output voltage is decremented
through 64 equal steps in 4096 clock cycles.
Oscillator
Use an external resistor at RT to program the
MAX15021 switching frequency from 500kHz to 4MHz.
Calculate the appropriate resistor at RT for the desired
output switching frequency (fSW):
Tracking/Sequencing
The MAX15021 features coincident/ratiometric tracking
and sequencing (see Figure 1). Connect SEL to ground
to configure the device as sequencer. Connect SEL to
AVIN for tracking with output 1 as the master. Leave SEL
unconnected for tracking with output 2 as the master.
Assign the output with the higher voltage as the master.
Rk
A
T[]
.
[]
Ω=
×
×
f
[kHz] 1
[V]
4[MHz]
SW
067
32
μ
VOUT1
SOFT-START
SOFT-START
SOFT-START
SOFT-STOP
a) COINCIDENT TRACKING OUTPUTS
b) RATIOMETRIC TRACKING OUTPUTS
c) SEQUENCED OUTPUTS
SOFT-STOP
SOFT-STOP
VOUT2
VOUT1
VOUT2
VOUT1
VOUT2
Figure 1. Graphical Representation of Coincident Tracking,
Ratiometric Tracking, and Sequencing


Similar Part No. - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V MAXIM-MAX15021ATI/V Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V++ MAXIM-MAX15021ATI/V+ Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results

Similar Description - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
logo
Linear Technology
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3416 LINER-LTC3416 Datasheet
238Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com