Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15003 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15003
Description  Triple-Output Buck Controller with Tracking/Sequencing
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15003 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15003_12 Datasheet HTML 1Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 2Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 3Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 4Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 5Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 6Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 7Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 8Page - Maxim Integrated Products MAX15003_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CONVERTER 1 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
50
60
70
80
90
100
40
0.1
10
VIN = 6V
VIN = 12V
VIN = 16V
VOUT1 = 3.3V
fSW = 600kHz
CONVERTER 2 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
50
60
70
80
90
100
40
20
30
10
0
0.1
10
VIN = 6V
VIN = 12V
VIN = 16V
VOUT2 = 2.5V
fSW = 600kHz
CONVERTER 3 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
1
50
60
70
80
90
100
40
20
30
10
0
0.1
10
VIN = 6V
VIN = 12V
VIN = 16V
VOUT3 = 1.2V
fSW = 600kHz
CONVERTER 1 LOAD REGULATION
LOAD CURRENT (mA)
1500
0
0.25
0.50
0.75
1.00
-0.25
-0.50
-0.75
-1.00
0
2000
500
2500
1000
3000
VOUT1 = 3.3V
CONVERTER 2 LOAD REGULATION
LOAD CURRENT (mA)
3000
0
0.25
0.50
0.75
1.00
-0.25
-0.50
-0.75
-1.00
0
4000
1000
5000
2000
6000
VOUT2 = 2.5V
CONVERTER 3 LOAD REGULATION
LOAD CURRENT (mA)
6000
0
0.25
0.50
0.75
1.00
-0.25
-0.50
-0.75
-1.00
0
8000
2000
4000
10,000
VOUT3 = 1.2V
Typical Operating Characteristics
(Figure 8, VIN = 12V, CREG = 2.2µF, TA = +25°C, unless otherwise noted.)
MAX15003
Triple-Output Buck Controller with
Tracking/Sequencing
5
Maxim Integrated
INTERNAL VOLTAGE REGULATION (REG)
IREG (mA)
60
4.95
4.97
4.96
4.98
4.99
5.00
4.94
4.93
4.92
4.91
4.90
080
20
40
100
VIN = 12V
CREG = 2.2
µF
CONVERTER_ SWITCHING FREQUENCY
vs. RRT
RRT (k
Ω)
300
400
1000
10,000
100
0
0
500
100
200
600


Similar Part No. - MAX15003_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003ATM++ MAXIM-MAX15003ATM+ Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX15003EVKIT++ MAXIM-MAX15003EVKIT+ Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results

Similar Description - MAX15003_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
logo
Analog Intergrations Co...
AIC1341 AIC-AIC1341 Datasheet
231Kb / 14P
   High Performance, Triple-Output, Auto-Tracking Combo Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com