Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11359A Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX11359A
Description  16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11359A Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX11359A_12 Datasheet HTML 50Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 51Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 52Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 53Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 54Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 55Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 56Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 57Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
MAX11359A
16-Bit Data-Acquisition System with ADC, DAC,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
54
Maxim Integrated
MSB
MLDVD
MLCPD
MADO
MSDC
MCRDY
MADD
MALD
X
LSB
MUPR4
MUPR3
MUPR2
MUPR1
MUPF4
MUPF3
MUPF2
MUPF1
IMSK Register (Power-On State: 1111 011X 1111 1111)
MSB
LSB
LDOE
CPE
LSDE
CPDE
HYSE
RSTE
X
X
PS_VMONS Register (Power-On State: 0010 01XX)
This register is the power-supply and voltage monitors
control register.
LDOE: Low-dropout linear-regulator enable bit. Set
LDOE = 1 to enable the low-dropout linear regulator to
provide the internal source voltage for the charge
pump. Set LDOE = 0 to disable the LDO, allowing an
external drive to the charge-pump input through REG.
The power-on default value is 0.
CPE: Charge-pump enable bit. Set CPE = 1 to enable the
charge-pump doubler, and set CPE = 0 to disable the
charge-pump doubler. The power-on default value is 0.
LSDE: DVDD low-supply voltage-detector power-
enable bit. Set LSDE = 1 to enable the +1.8V (DVDD)
low-supply-voltage detector, and set LSDE = 0 to
disable the DVDD low-supply-voltage detector. The
power-on default value is 1.
CPDE: CPOUT low-supply voltage-detector power-
enable bit. Set CPDE = 1 to enable the +2.7V CPOUT
low-supply voltage-detector comparator, and set CPDE
= 0 to disable the CPOUT low-supply voltage-detector
comparator. The power-on default value is 0.
HYSE: DVDD low-supply voltage-detector hysteresis-
enable bit. Set HYSE = 1 to set the hysteresis for the
+1.8V (DVDD) low-supply-voltage detector to +200mV,
and set HYSE = 0 to set the hysteresis to +20mV. On initial
power-up, the hysteresis is +20mV and can be pro-
grammed to 200mV once
RESET goes high. Once pro-
grammed to +200mV, the DVDD falling threshold is +1.8V
nominally and the rising threshold is +2.0V nominally. The
The IMSK register determines which bits of the STATUS
register generate an interrupt on INT. The bits in this
register do not mask output signals routed to UPIO
since the output signals are masked by disabling that
UPIO function.
MLDVD: LDVD status bit mask. Set MLDVD = 0 to
enable the LDVD status bit interrupt to INT, and set
MLDVD = 1 to mask the LDVD status bit interrupt. The
power-on default value is 1.
MLCPD: LCP status bit mask. Set MLCPD = 0 to
enable the LCP status bit interrupt to INT, and set
MLCPD = 1 to mask the LCP status bit interrupt. The
power-on default value is 1.
MADO: ADO status bit mask. Set MADO = 0 to enable
the ADO status bit interrupt to INT, and set MADO = 1
to mask the ADO status bit interrupt. The power-on
default value is 1.
MSDC: SDC status bit mask. Set MSDC = 0 to enable
the SDC status bit interrupt to INT, and set MSDC = 1
to mask the SDC status bit interrupt. The power-on
default value is 1.
MCRDY: CRD status bit mask. Set MCRDY = 0 to
enable the CRDY status bit interrupt to INT, and set
MCRDY = 1 to mask the CRDY status bit interrupt. The
power-on default value is 0.
MADD: ADD status bit mask. Set MADD = 0 to enable
the ADD status bit interrupt to INT, and set MADD = 1
to mask the ADD status bit interrupt. The power-on
default value is 1.
MALD: ALD status bit mask. Set MALD = 0 to enable
the ALD status bit interrupt to INT, and set MALD = 1 to
mask the ALD status bit interrupt. The power-on default
value is 1.
MUPR<4:1>: UPR<4:1> status bits mask. Set MUPR_ =
0 to enable the UPR_ status bit interrupt to INT, and set
MUPR_ = 1 to mask the UPR_ status bit interrupt. (_ =
1, 2, 3, or 4 and corresponds to the UPIO1, UPIO2,
UPIO3, or UPIO4 pins, respectively.) The power-on
default value is F hex.
MUPF<4:1>: UPF<4:1> status bits mask. Set MUPF_ =
0 to enable the UPF_ status bit interrupt to INT, and set
MUPF_ = 1 to mask the UPF_ status bit interrupt. (_ = 1,
2, 3, or 4 and corresponds to the UPIO1, UPIO2,
UPIO3, or UPIO4 pins, respectively.) The power-on
default value is F hex.


Similar Part No. - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359ACTL++ MAXIM-MAX11359ACTL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359AETL++ MAXIM-MAX11359AETL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
More results

Similar Description - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
   16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com