Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11359A Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11359A
Description  16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11359A Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11359A_12 Datasheet HTML 8Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 9Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 10Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 11Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 12Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 13Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 14Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 15Page - Maxim Integrated Products MAX11359A_12 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
MAX11359A
16-Bit Data-Acquisition System with ADC, DAC,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
12
Maxim Integrated
TIMING CHARACTERISTICS (Figures 1 and 20)
(VAVDD = VAVDD = +1.8V to +3.6V, external VREF = +1.25V, CLK32K = 32.768kHz (external clock), CREG = 10µF, CCPOUT = 10µF,
10µF between CF+ and CF-, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Operating Frequency
fSCLK
0
10
MHz
SCLK Cycle Time
tCYC
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
DIN to SCLK Setup
tDS
30
ns
DIN to SCLK Hold
tDH
0ns
SCLK Fall to DOUT Valid
tDO
CL = 50pF, Figure 2
40
ns
CS Fall to Output Enable
tDV
CL = 50pF, Figure 2
48
ns
CS Rise to DOUT Disable
tTR
CL = 50pF, Figure 2
48
ns
CS to SCLK Rise Setup
tCSS
20
ns
CS to SCLK Rise Hold
tCSH
0ns
DVDD Monitor Timeout Period
tDSLP
(Note 16)
1.5
s
Wake-Up (WU) Pulse Width
tWU
Minimum pulse width required to detect a
wake-up event
1µs
Shutdown Delay
tDPU
The delay for
SHDN to go high after a valid
wake-up event
1µs
The turn-on time for the high-frequency
clock and FLL (FLLE = 1) (Note 17)
10
ms
HFCK Turn-On Time
tDFON
If FLLE = 0, the turn-on time for the high-
frequency clock (Note 18)
10
µs
CRDY to
INT Delay
tDFI
The delay for CRDY to go low after the
HFCK clock output has been enabled
(Note 19)
7.82
ms
HFCK Disable Delay
tDFOF
The delay after a shutdown command has
asserted and before HFCK is disabled
(Note 20)
1.95
ms
SHDN Assertion Delay
tDPD
(Note 21)
2.93
ms
Note 16: The delay for the sleep voltage monitor output,
RESET, to go high after VDD rises above the reset threshold. This is largely
driven by the startup of the 32kHz oscillator.
Note 17: It is gated by an AND function with three inputs—the external
RESET signal, the internal DVDD monitor output, and the
external
SHDN signal. The time delay is timed from the internal LOVDD going high or the external RESET going high,
whichever happens later. HFCK always starts in the low state.
Note 18: If FLLE = 0, the internal signal CRDY is not generated by the FLL block and
INT or INT are deasserted.
Note 19: CRDY is used as an interrupt signal to inform the µC that the high-frequency clock has started. Only valid if FLLE = 1.
Note 20: tDFOF gives the µC time to clean up and go into sleep-override mode properly.
Note 21: tDPD is greater than the HFCK delay for the MAX11358B/MAX11359A to clean up before losing power.


Similar Part No. - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359ACTL++ MAXIM-MAX11359ACTL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359AETL++ MAXIM-MAX11359AETL+ Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
More results

Similar Description - MAX11359A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
   16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com