Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP86549 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP86549
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86549 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP86549 Datasheet HTML 6Page - Sony Corporation CXP86549 Datasheet HTML 7Page - Sony Corporation CXP86549 Datasheet HTML 8Page - Sony Corporation CXP86549 Datasheet HTML 9Page - Sony Corporation CXP86549 Datasheet HTML 10Page - Sony Corporation CXP86549 Datasheet HTML 11Page - Sony Corporation CXP86549 Datasheet HTML 12Page - Sony Corporation CXP86549 Datasheet HTML 13Page - Sony Corporation CXP86549 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
CXP86541/86549/86561
1 V
IN
and VOUT should not exceed VDD + 0.3V.
2 The large current output port is Port D (PD) and Port F (PF).
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
be conducted under the recommended operating conditions. Exceeding those conditions may
adversely affect the reliability of the LSI.
VDD
VIN
VOUT
VOUTP
IOH
∑IOH
IOL
IOLC
∑IOL
Topr
Tstg
PD
–0.3 to +7.0
–0.3 to +7.0∗1
–0.3 to +7.0∗1
–0.3 to +15.0
–5
–50
15
20
130
–20 to +75
–55 to +150
375
V
V
V
V
mA
mA
mA
mA
mA
°C
°C
mW
Total of all output pins
Ports excluding large current output
(value per pin)
Large current output ports
(value per pin∗2)
Total of all output pins
SDIP-52P-01
Item
Symbol
Ratings
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V reference)
Supply voltage
High level input
voltage
Low level input
voltage
Operating temperature
5.5
5.5
5.5
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
V
V
V
V
V
V
V
V
V
V
°C
Item
Symbol
Min.
Max.
Unit
Remarks
4.5
3.5
2.7
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–20
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
Guaranteed operation range for 1/2 and 1/4
frequency dividing modes
Guaranteed operation range for 1/16 frequency
dividing mode or sleep mode
Guaranteed operation range for TEX mode
Guaranteed data hold range for stop mode∗5
1
2
EXTAL pin∗3, TEX pin∗4
1
2
EXTAL pin∗3, TEX pin∗4
VDD
1 PA1 to PA5, PB3 to PB7, PD2, PE0, PE1, PE3, SCL0, SCL1, SDA0, SDA1 pins
2 VSYNC, HSYNC, INT2, SCK, SI, HS0, HS1, RMC, EC, INT0, INT1, RST, PB0, PB1, PB2 pins
3 Specifies only during external clock input.
4 Specifies only during external event count input.
5 This device does not enter the stop mode.
Recommended Operating Conditions
(Vss = 0V reference)
Supply voltage
Input voltage
Output voltage
Mid-voltage drive output voltage
High level output current
High level total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation


Similar Part No. - CXP86549

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86540 SONY-CXP86540 Datasheet
354Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP86548 SONY-CXP86548 Datasheet
354Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86549

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com