Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP86325 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP86325
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86325 Datasheet(HTML) 5 Page - Sony Corporation

  CXP86325 Datasheet HTML 1Page - Sony Corporation CXP86325 Datasheet HTML 2Page - Sony Corporation CXP86325 Datasheet HTML 3Page - Sony Corporation CXP86325 Datasheet HTML 4Page - Sony Corporation CXP86325 Datasheet HTML 5Page - Sony Corporation CXP86325 Datasheet HTML 6Page - Sony Corporation CXP86325 Datasheet HTML 7Page - Sony Corporation CXP86325 Datasheet HTML 8Page - Sony Corporation CXP86325 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
CXP86213/86217, CXP86325/86333, CXP86441/86449/86461
(Port F)
8-bit output port.
Open drain output of
large current (12mA)
and N channel.
Lower 4 bits are
medium drive voltage
(12V); upper 4 bits are
5V drive.
(8 pins)
(Port G)
1-bit I/O port.
Connects a crystal for system clock oscillation. When a clock is
supplied externally, input to EXTAL pin and input a reversed phase
clock to XTAL pin.
System reset; active at Low level.
OSD display clock oscillation I/O. Oscillation frequency is determined
by the external L and C.
No connected.
Positive power supply.
GND. Connect two Vss pins to GND.
8-bit PWM output.
(4 pins)
I2C bus interface transfer clock I/O.
(2 pins)
I2C bus interface transfer data I/O.
(2 pins)
Symbol
PF0/PWM0 to
PF3/PWM3
PF4/SCL0
PF5/SCL1/
PWM4
PF6/SDA0
PF7/SDA1/
PWM5
PG7/INT1
EXTAL
XTAL
RST
EXLC
XLC
NC
VDD
Vss
Output/Output
Output/I/O
Output/I/O/
Output
Output/I/O
Output/I/O/
Output
I/O/Input
Input
Output
Input
Input
Output
I/O
Description
8-bit PWM output.
8-bit PWM output.
External interruption request input.
Active at the falling edge.


Similar Part No. - CXP86325

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86324 SONY-CXP86324 Datasheet
354Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86325

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com