Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ120A Datasheet(PDF) 11 Page - Littelfuse

Part # SMBJ120A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ120A Datasheet(HTML) 11 Page - Littelfuse

Back Button SMBJ120A Datasheet HTML 7Page - Littelfuse SMBJ120A Datasheet HTML 8Page - Littelfuse SMBJ120A Datasheet HTML 9Page - Littelfuse SMBJ120A Datasheet HTML 10Page - Littelfuse SMBJ120A Datasheet HTML 11Page - Littelfuse SMBJ120A Datasheet HTML 12Page - Littelfuse SMBJ120A Datasheet HTML 13Page - Littelfuse SMBJ120A Datasheet HTML 14Page - Littelfuse SMBJ120A Datasheet HTML 15Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
7
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
Surface Mount – 400W > SMAJ series
SMAJ Series
SMAJ Series
RoHS
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E230531
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25ºC by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
400
W
Power Dissipation on infinite heat
sink at T
A=50
O
C
P
M(AV)
3.3
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
40
A
Maximum Instantaneous Forward
Voltage at 25A for Unidirectional
only (Note 4)
V
F
3.5V/6.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 150
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
30
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
120
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25ºC per Fig. 2.
2. Mounted on 5.0x5.0mm copper pad to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only.
4. V
F < 3.5V for VBR _
<
200V and V
F< 6.5V for VBR _
>
201V.
The SMAJ series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Applications
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
applications to optimize
board space
capability
capability at 10 x 1000μs
waveform, repetition rate
(duty cycle): 0.01%
typically less than 1.0ps
from 0 Volts to V
BR min
R less than 1μA
above 12V
soldering: 260°C/40
seconds at terminals
temperature coefficient
delta V
BR = 0.1% x VBR
@ 25°C
Underwriters Laboratory
Flammability 94V-O
Plated


Similar Part No. - SMBJ120A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ120A LITTELFUSE-SMBJ120A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Galaxy Semi-Conductor H...
SMBJ120A BILIN-SMBJ120A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ120A JGD-SMBJ120A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ120A DIGITRON-SMBJ120A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Formosa MS
SMBJ120A FORMOSA-SMBJ120A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMBJ120A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com