Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP864P61 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP864P61
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP864P61 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP864P61 Datasheet HTML 4Page - Sony Corporation CXP864P61 Datasheet HTML 5Page - Sony Corporation CXP864P61 Datasheet HTML 6Page - Sony Corporation CXP864P61 Datasheet HTML 7Page - Sony Corporation CXP864P61 Datasheet HTML 8Page - Sony Corporation CXP864P61 Datasheet HTML 9Page - Sony Corporation CXP864P61 Datasheet HTML 10Page - Sony Corporation CXP864P61 Datasheet HTML 11Page - Sony Corporation CXP864P61 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
– 8 –
CXP864P61
IP
IP
32kHz oscillation circuit control
RD (Port E)
Schmitt input
Schmitt input
Clock input
Data bus
Data bus
INT0
“1” when reset
PE2/
TEX/
INT0
PE3/
TX
RD (Port E)
Port E data
Port E direction
IP
RD (Port E)
Data bus
“1” when reset
PWM
“1” when reset
Port E function selection
“0” when reset
Port E
Port E
1 pin
2 pins
3 pins
Pin
When reset
Circuit format
PE2/TEX/INT0
PE3/TX
High level
Oscillation
halted
Port input
Hi-Z
PE1/PWM
PE4/YM
PE5/YS
PE6/I
Port E data
Port E function selection
“0” when reset
YM, YS, I
Output polarity
“0” when reset
Writing data to output polarity
register and port data register
brings output to active.
Port E


Similar Part No. - CXP864P61

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP864P60 SONY-CXP864P60 Datasheet
415Kb / 22P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP864P61

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com