Electronic Components Datasheet Search |
|
CXP864P60 Datasheet(PDF) 5 Page - Sony Corporation |
|
CXP864P60 Datasheet(HTML) 5 Page - Sony Corporation |
5 / 22 page – 5 – CXP864P60 (Port A) 8-bit I/O port. I/O can be set in a unit of single bits. (8 pins) (Port B) 8-bit I/O port. I/O can be set in a unit of single bits. (8 pins) (Port C) Lower 6 bits are I/O ports; I/O can be set in a unit of single bits. Upper 2 bits are output port and open drain output of large current (12mA) and N channel. Upper 2 bits are medium voltage drive (12V); lower 6 bits are 5V drive. (8 pins) (Port D) 8-bit I/O port. I/O can be set in a unit of single bits. Can drive 12mA sync drive. (8 pins) (Port3 E) Bits 0 and 1 are I/O port; I/O can be set in a unit of single. Bits 2 and 3 are input port. Bits 4, 5 and 6 are output port. (7 pins) Pin Description Symbol PA0/AN0 to PA5/AN5 PA6/VSYNC PA7/HSYNC PB0 to PB7 PC0 to PC5 PC6/PWM6 to PC7/PWM7 PD0/INT2 PD1/SCK PD2/SO PD3/SI PD4/HS0 PD5/HS1 PD6/RMC PD7/EC PE0/TO/ADJ PE1/PWM PE2/TEX/INT0 PE3/TX PE4/YM PE5/YS PE6/I B G R I/O/ Analog input I/O/Input I/O/Input I/O I/O Output/Output I/O/Input I/O/I/O I/O/Output I/O/Input I/O/Input I/O/Input I/O/Input I/O/Input I/O/Output/ Output I/O/Output Input/Input/ Input Input/Output Output/Output Output/Output Output/Output Output Output Output I/O Description Analog inputs to A/D converter. (6 pins) OSD display vertical sync signal input. OSD display horizontal sync signal input. 8-bit PWM output. (2 pins) External interruption request input. Active at the falling edge. Serial clock I/O. Serial data output. Serial data input. HSYNC counter (CH0) input. HSYNC counter (CH1) input. Remote control reception circuit input. External event input for timer/counter. Rectangular wave output for 8-bit timer/counter. 14-bit PWM output. Connects a crystal for 32kHz timer/counter clock oscillation. When used as an event counter, input to TEX pin and leave TX pin open. 32kHz oscillation frequency dividing output. External interruption request input. Active at the falling edge. OSD display 6-bit output. (6 pins) |
Similar Part No. - CXP864P60 |
|
Similar Description - CXP864P60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |