Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP86216 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP86216
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86216 Datasheet(HTML) 1 Page - Sony Corporation

  CXP86216 Datasheet HTML 1Page - Sony Corporation CXP86216 Datasheet HTML 2Page - Sony Corporation CXP86216 Datasheet HTML 3Page - Sony Corporation CXP86216 Datasheet HTML 4Page - Sony Corporation CXP86216 Datasheet HTML 5Page - Sony Corporation CXP86216 Datasheet HTML 6Page - Sony Corporation CXP86216 Datasheet HTML 7Page - Sony Corporation CXP86216 Datasheet HTML 8Page - Sony Corporation CXP86216 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
– 1 –
CXP86212/86216, CXP86324/86332
CXP86440/86448/86460
E96644A86
CMOS 8-bit Single Chip Microcomputer
Description
The CXP86212/86216, CXP86324/86332, CXP86440/
86448/86460
are
the
CMOS
8-bit
single
chip
microcomputer integrating on a single chip an A/D
converter, serial interface, timer/counter, time-base
timer, on-screen display function, I2C bus interface,
PWM output, remote control reception circuit, HSYNC
counter, watchdog timer, 32kHz timer/counter besides
the basic configurations of 8-bit CPU, ROM, RAM, I/O
ports.
The CXP86212/86216, CXP86324/86332, CXP86440/
86448/86460 also provide a SLEEP function that
enables to lower the power consumption.
Features
• A wide instruction set (213 instructions) which covers
various types of data
– 16-bit operation/multiplication and division/
Boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation
122µs at 32kHz operation
• Incorporated ROM
12K bytes (CXP86212)
24K bytes (CXP86324)
40K bytes (CXP86440)
16K bytes (CXP86216)
32K bytes (CXP86332)
48K bytes (CXP86448)
60K bytes (CXP86460)
• Incorporated RAM
352 bytes (CXP86212/86216) 704 bytes (CXP86324/86332)
1536 bytes (CXP86440/86448/86460)
(Excludes VRAM for on-screen display and sprite RAM)
• Peripheral functions
– A/D converter
8-bit 6-channel successive approximation method
(Conversion time of 3.25µs at 16MHz)
– Serial interface
8-bit clock sync type, 1 channel
– Timer
8-bit timer
8-bit timer/counter
19-bit time-base timer
32 kHz timer/counter
– On-screen display (OSD) function
12
× 16 dots, 128 character types (CXP86212/86216),
256 character types (CXP86324/86332),
384 character types (CXP86440/86448/86460)
15 character colors, 2 lines
× 24 characters,
frame background 8 colors/ half blanking,
background on full screen 15 colors/ half blanking
edging/ shadowing/ rounding for every line,
background with shadow for every character (CXP86440/86448/86460),
double scanning,
sprite OSD (CXP86440/86448/86460),
12
× 16 dots, 1 screen, 8 colors for every dot
– I2C bus interface
– PWM output
8 bits, 8 channels
14 bits, 1 channel
– Remote control reception circuit
8-bit pulse measurement counter, 6-stage FIFO
– HSYNC counter
2 channels
– Watchdog timer
• Interruption
13 factors, 13 vectors, multi-interruption possible
• Standby mode
Sleep
• Package
64-pin plastic SDIP/QFP/LQFP
• Piggyback/evaluator
CXP86400 64-pin ceramic PQFP
CXP86490 64-pin ceramic PSDIP (Supports custom font)
Perchase of Sony's I2C components conveys a licence under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Structure
Silicon gate CMOS IC
64 pin SDIP (Plastic)
64 pin QFP (Plastic)
64 pin LQFP (Plastic)


Similar Part No. - CXP86216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86213 SONY-CXP86213 Datasheet
240Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP86217 SONY-CXP86217 Datasheet
240Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP86216

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com