Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1722 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1722
Description  1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1722 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1722_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1722_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAX1722/MAX1723/MAX1724
1.5µA IQ, Step-Up DC-DC Converters
in Thin SOT23-5
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 1.2V, VOUT = 3.3V (MAX1722/MAX1723), VOUT = VOUT(NOM) (MAX1724), SHDN = OUT, RL = ∞, TA = 0°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OUT, SHDN, BATT, LX to GND ................................-0.3V to +6V
FB to GND ................................................-0.3V to (VOUT + 0.3V)
OUT, LX Current.......................................................................1A
Continuous Power Dissipation (TA = +70°C)
5-Pin Thin SOT23 (derate 7.1mW/°C above +70°C) ...571mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature
Lead(Pb)-
Free packages..............................................+260°C
Packages
Containing Lead(Pb)....................................+240°C
TA = +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
TA = 0°C to +85°C
TA = +25°C
MAX1723 (Note 2)
MAX1722/MAX1724
Shutdown Current into OUT
0.1
µA
Quiescent Current into OUT
1.5
3.6
µA
Quiescent Current into BATT
0.01
µA
MAX1723/MAX1724
(Notes 3, 4)
(Notes 3, 4)
MAX1722/MAX1724
(Note 4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
2.633
2.767
Output Voltage
VOUT
2.673
2.7
2.727
V
0.87
1.2
Minimum Startup Input Voltage
0.83
0.91
V
2.970
3.0
3.030
2.925
3.075
3.267
3.3
3.333
3.218
3.383
Operating Input Voltage
Minimum Input Voltage
0.8
V
VIN
0.91
5.5
V
1.2
5.5
4.950
5.0
5.050
4.875
5.125
Output Voltage Range
VOUT
2
5.5
V
Feedback Voltage
VFB
1.223
1.235
1.247
V
1.210
1.260
Feedback Bias Current
IFB
1.5
20
nA
2.2
N-Channel On-Resistance
RDS(ON)
0.5
1.0
P-Channel On-Resistance
RDS(ON)
1.0
2.0
N-Channel Switch Current Limit
ILIM
400
500
600
mA
Switch Maximum On-Time
tON
3.5
5
6.5
µs
Synchronous Rectifier Zero-
Crossing Current
520
35
mA
CONDITIONS
MAX1724EZK50
MAX1724EZK27
TA = +25°C,
RL = 3kΩ
MAX1724EZK30
MAX1722/MAX1723
MAX1722/MAX1723
MAX1724EZK33
MAX1722/MAX1723
MAX1722/MAX1724
VOUT forced to 3.3V
TA = +25°C
VOUT forced to 3.3V
VOUT forced to 3.3V
VOUT forced to 3.3V
MAX1722/MAX1724
MAX1723 (Note 2)
TA = +85°C
TA = +25°C
0.01
0.5
TA = +85°C
TA = +25°C
0.001
0.5


Similar Part No. - MAX1722_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
More results

Similar Description - MAX1722_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
   1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com