Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E22Q Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS28E22Q
Description  1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E22Q Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS28E22Q Datasheet HTML 1Page - Maxim Integrated Products DS28E22Q Datasheet HTML 2Page - Maxim Integrated Products DS28E22Q Datasheet HTML 3Page - Maxim Integrated Products DS28E22Q Datasheet HTML 4Page - Maxim Integrated Products DS28E22Q Datasheet HTML 5Page - Maxim Integrated Products DS28E22Q Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS28E22
1-Wire SHA-256 Secure Authenticator
with 2Kb User EEPROM
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
Note 1: Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and
relevant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 2: System requirement.
Note 3: Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery
times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times.
Note 4: Typical value represents the internal parasite capacitance when VPUP is first applied. Once the parasite capacitance is
charged, it does not affect normal communication.
Note 5: Guaranteed by design and/or characterization only; not production tested.
Note 6: VTL, VTH, and VHY are a function of the internal supply voltage, which is a function of VPUP, RPUP, 1-Wire timing, and
capacitive loading on IO. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values
of VTL, VTH, and VHY.
Note 7: Voltage below which, during a falling edge on IO, a logic-zero is detected.
Note 8: The voltage on IO must be less than or equal to VILMAX at all times when the master is driving IO to a logic-zero level.
Note 9: Voltage above which, during a rising edge on IO, a logic-one is detected.
Note 10: After VTH is crossed during a rising edge on IO, the voltage on IO must drop by at least VHY to be detected as logic-zero.
Note 11: The I-V characteristic is linear for voltages less than 1V.
Note 12: Applies to a single device attached to a 1-Wire line.
Note 13: Defines maximum possible bit rate. Equal to 1/(tW0LMIN + tRECMIN).
Note 14: An additional reset or communication sequence cannot begin until the reset high time has expired.
Note 15: Interval after tRSTL during which a bus master can read a logic 0 on IO if there is a DS28E22 present. The power-up pres-
ence detect pulse could be outside this interval, but will be complete within 2ms after power-up.
Note 16: ε in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF - ε and tW0LMAX + tF - ε, respectively.
Note 17: d in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input-high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 18: Current drawn from IO during the EEPROM programming interval or SHA-256 computation. The pullup circuit on IO dur-
ing the programming and computation interval should be such that the voltage at IO is greater than or equal to VPUPMIN.
A low-impedence bypass of RPUP activated during programming and computation is the recommended way to meet this
requirement.
Note 19: Refer to the full data sheet.
Note 20: Write-cycle endurance is tested in compliance with JESD47G.
Note 21: Not 100% production tested; guaranteed by reliability monitor sampling.
Note 22: Data retention is tested in compliance with JESD47G.
Note 23: Guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to the
data sheet limit at operating temperature range is established by reliability testing.
Note 24: EEPROM writes can become nonfunctional after the data retention time is exceeded. Long-term storage at elevated tem-
peratures is not recommended.
Note 25: Refer to the full data sheet.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHA-256 ENGINE
Computation Current
ICSHA
Refer to the full data sheet.
mA
Computation Time
tCSHA
ms
ABRIDGED DATA SHEET


Similar Part No. - DS28E22Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E22Q+T MAXIM-DS28E22Q+T Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
More results

Similar Description - DS28E22Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL15 MAXIM-DS28EL15 Datasheet
872Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
Rev 0; 12/12
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com