Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM-SF50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # NM-SF50
Description  N-MALE to SMA-F
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NM-SF50 Datasheet(HTML) 1 Page - Mini-Circuits

  NM-SF50 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Dimensions (
)
inch
mm
NM-SF50+
50Ω
DC to 18 GHz
Adapter, N-MALE to SMA-F
REV. D
M108294
NM-SF50+
EE-9107
RS/TD/CP/AM
070725
Coaxial
A
B
C
D
E
wt
.812
.90
--
1.24
--
grams
20.62
22.86
--
31.50
--
33.6
Features
• flat response
• excellent VSWR
• passivated stainless steel
• low cost adapters, available from stock
Applications
• interconnection of RF cables and equipment
Outline Drawing
CASE STYLE: DJ825
Connectors
Model
Price
Qty.
Conn1
Conn2
N-MALE
SMA-F
NM-SF50+
$22.95 ea. (1-49)
FREQUENCY
(GHz)
INSERTION LOSS
(dB)
VSWR (:1)
Max.
f
L-fU
Typ.
DC-8
GHz
DC-12.4
GHz
DC-18
GHz
DC-18
0.1
1.15
1.25
1.25
Electrical Specifications T
AMB=25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
N-MALE
SMA-F
NM-SF50+
INSERTION LOSS
0.00
0.10
0.20
0.30
0.40
0.50
0
3000
6000
9000
12000
15000
18000
FREQUENCY(MHz)
NM-SF50+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
3000
6000
9000
12000
15000
18000
FREQUENCY(MHz)
SMA FEMALE
N MALE
10.00
0.00
1.00
1.00
50.00
0.00
1.00
1.00
100.00
0.00
1.00
1.00
100.00
0.00
1.00
1.00
500.00
0.02
1.01
1.01
1000.00
0.04
1.01
1.01
2000.00
0.05
1.02
1.02
3000.00
0.05
1.03
1.02
4000.00
0.07
1.04
1.04
5000.00
0.09
1.04
1.04
6000.00
0.10
1.05
1.03
8000.00
0.17
1.03
1.03
9000.00
0.12
1.01
1.03
10000.00
0.13
1.02
1.06
12000.00
0.10
1.04
1.03
13000.00
0.04
1.03
1.04
15000.00
0.01
1.09
1.09
16000.00
0.02
1.13
1.05
17000.00
0.10
1.11
1.05
18000.00
0.01
1.03
1.03
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Permanent damage may occur if any of these limits are
exceeded.


Similar Part No. - NM-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NM-SF50 MINI-NM-SF50 Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
More results

Similar Description - NM-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-SM50 MINI-NF-SM50 Datasheet
230Kb / 1P
   N-F to SMA-M
logo
Winchester Electronics ...
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
   N (F) TO SMA (M) ADAPTOR
logo
Pasternack Enterprises,...
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
   SMA Male to N Male Adapter
logo
Mini-Circuits
SF-SF50++ MINI-SF-SF50+ Datasheet
132Kb / 1P
   Coaxial Adapter, SMA-F to SMA-F
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
   SMA F TO SMA F STR. ADAPTER
04/21
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
   SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
   SMA-F to BNC-F
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
   SMA-F to SMA-M
logo
Pasternack Enterprises,...
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
   ADAPTER; 50 OHM SMA FEMALE TO F MALE
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
   TYPE N MALE TO SMA MALE ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com