Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6446IAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6446IAZ
Description  Dual (180째 Out-of-Phase) PWM and Linear Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6446IAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6446IAZ Datasheet HTML 1Page - Intersil Corporation ISL6446IAZ Datasheet HTML 2Page - Intersil Corporation ISL6446IAZ Datasheet HTML 3Page - Intersil Corporation ISL6446IAZ Datasheet HTML 4Page - Intersil Corporation ISL6446IAZ Datasheet HTML 5Page - Intersil Corporation ISL6446IAZ Datasheet HTML 6Page - Intersil Corporation ISL6446IAZ Datasheet HTML 7Page - Intersil Corporation ISL6446IAZ Datasheet HTML 8Page - Intersil Corporation ISL6446IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL6446
3
FN7944.0
July 10, 2012
RT
5
This is the operating frequency adjustment pin. By placing a resistor from this pin to SGND, the oscillator frequency can be
programmed from 100kHz to 2.5MHz.
SS1/EN1
SS2/EN2
2, 11
These pins provide enable/disable and soft-start function for their respective controllers. The output is held off when the pin is
pulled to ground. When the chip is enabled, the regulated 30µA pull-up current source charges the capacitor connected from the
pin to ground. The output voltage of the converter follows the ramping voltage on the SS/EN pin. See “Soft-Start and Voltage
Tracking” on page 12 for more details.
LCFB
8
This pin is the feedback pin for the linear controller. An external voltage divider network connected to this pin sets the output
voltage of the linear controller. If the linear controller is not used, tie this pin to VCC.
LCDR
7
Open drain output PNP Transistor or P channel MOSFET Driver. LCDR connects to the base of an external PNP pass transistor or
the gate of the MOSFET to form a positive linear regulator. A small resistor can be inserted between the LCDR and the base of
the PNP pass transistor or the gate of the MOSFET to alleviate thermal stress at output short condition.
OCSET1, 2
1, 12 These pins are the overcurrent set points for the respective PWM controllers. Connect a resistor (ROCSET) from this pin to the
drain of the upper MOSFET. ROCSET, an internal 110µA current source, and the upper MOSFET ON-resistance rDS(ON) set the
converter overcurrent (OC) trip point according to Equation 1:
IOC includes the DC load current, as well as the ripple current. An overcurrent trip initiates hiccup mode.
The voltage on the OCSET pin should not exceed 0.7V above the VIN pin voltage for proper current sensing when the UGATE is
turned on.
Pin Descriptions (Continued)
SYMBOL
PIN #
DESCRIPTION
I
OC
I
OCSET
R
OCSET
r
DS ON
()
---------------------------------------------------
=
(EQ. 1)
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6446IAZ
ISL 6446IAZ
-40 to +85
24 Ld QSOP
M24.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6446. For more information on MSL please see tech brief TB363.


Similar Part No. - ISL6446IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6446IAZ RENESAS-ISL6446IAZ Datasheet
1Mb / 19P
   Dual (180째Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
More results

Similar Description - ISL6446IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
   Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Renesas Technology Corp
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com