Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS-139ASRH Datasheet(PDF) 1 Page - Intersil Corporation

Part # IS-139ASRH
Description  Single Event Radiation Hardened Quad Voltage Comparators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS-139ASRH Datasheet(HTML) 1 Page - Intersil Corporation

  IS-139ASRH Datasheet HTML 1Page - Intersil Corporation IS-139ASRH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2002, 2008, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
Star*Power™ is a trademark of Intersil Americas Inc. All other trademarks mentioned are the property of their respective owners.
Single Event Radiation Hardened Quad Voltage
Comparators
IS-139ASRH, IS-139ASEH
The single event effects and total
dose radiation hardened IS-139ASRH,
IS-139ASEH consist of four
independent single or dual supply
voltage comparators on a single
monolithic substrate. The common mode input voltage range
includes ground, even when operated from a single supply, and
the low supply current makes these comparators suitable for
low power applications. These types were designed to directly
interface with TTL and CMOS inputs.
The IS-139ASRH, IS-139ASEH are fabricated on our
dielectrically isolated Rad Hard Silicon Gate (RSG) process,
which provides immunity to single event latch-up and the
capability of highly reliable performance in any radiation
environment.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the IS-139ASRH,
IS-139ASEH are contained in SMD 5962-01510.
Pin Configuration
IS9-139ASRH,
IS9-139ASEH
(FLATPACK CDFP4-F20)
TOP VIEW
Features
• Electrically Screened to SMD # 5962-01510
• QML Qualified per MIL-PRF-38535 Requirements
•Radiation Hardness
- Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . 300krad(Si) (Max)
- Single Event Latch-up . . . . . . . . . . . . . . . >84MeV/mg/cm2
- Single Event Upset . . . . . . . . . . . . . . . . . . >84MeV/mg/cm2
• Operating Supply Voltage Range . . . . . . . . . . . . . . . 9V to 30V
• Input Offset Voltage (VIO) . . . . . . . . . . . . . . . . . . . . 5mV (Max)
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . . 3mA (Max)
• Differential Input Voltage Range Equal to the Supply Voltage
Applications
• DC-DC Power Conversion
•Pulse Generators
• Timing Circuitry
• Level Shifting
•Analog to Digital Conversion
TM
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
NC
OUTB
NC
OUTA
NC
NC
VCC
-INA
9
10
12
11
+INA
-INB
OUTC
OUTD
NC
GND
NC
+IND
-IND
+INC
-INC
+INB
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(°C)
PACKAGE
DRAWING NUMBER
5962F0151001VXC
IS9-139ASRH-Q
-55 to +125
K20.A
5962F0151001QXC
IS9-139ASRH-8
-55 to +125
K20.A
5962F0151002VXC
IS9-139ASEH-Q
-55 to +125
K20.A
IS9-139ASRH/PROTO
IS9-139ASRH/PROTO
-55 to +125
K20.A
April 6, 2012
FN9000.4


Similar Part No. - IS-139ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
   Single Event Radiation Hardened Quad Voltage Comparator
More results

Similar Description - IS-139ASRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
   Single Event Radiation Hardened Quad Voltage Comparator
ISL7124SRH INTERSIL-ISL7124SRH Datasheet
135Kb / 2P
   Single-Event Hardened, Single Supply, Quad Operational Amplifier
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
   Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
   Radiation Hardened Quad Voltage Comparator
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
logo
Intersil Corporation
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
   Radiation Hardened Quad Voltage Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com