Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1825AEH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-1825AEH
Description  Radiation Hardened High-Speed, Dual Output PWM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1825AEH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-1825AEH Datasheet HTML 1Page - Intersil Corporation HS-1825AEH Datasheet HTML 2Page - Intersil Corporation HS-1825AEH Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Radiation Hardened High-Speed, Dual Output PWM
HS-1825ARH, HS-1825AEH
The Radiation Hardened HS-1825ARH, HS-1825AEH Pulse
Width Modulator is designed to be used in high frequency
switched-mode power supplies and can be used in either
current-mode or voltage-mode. It is well suited for single-ended
boost converter applications.
Device features include a precision voltage reference, low
power start-up circuit, high frequency oscillator, wide-band
error amplifier, and fast current-limit comparator. The use of
proprietary process capabilities and unique design techniques
results in fast propagation delay times and high output current
over a wide range of output voltages.
Constructed with the Intersil Rad Hard Silicon Gate (RSG)
Dielectric Isolation BiCMOS process, the HS-1825ARH,
HS-1825AEH has been specifically designed to provide highly
reliable performance when exposed to harsh radiation
environments.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-1825ARH,
HS-1825AEH are contained in SMD 5962-99558. That
document may be easily downloaded from our website.
www.intersil.com/
Features
• Electrically Screened to DLA SMD # 5962-99558
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Maximum Total Dose. . . . . . . . . . . . . . . . . . . . 300 krad(SI)
- Vertical Architecture Provides Low Dose Rate Immunity
- DI RSG Process Provides Latch-Up Immunity
• Low Start-Up Current . . . . . . . . . . . . . . . . . . . . . . . 100µA (Typ)
• Fast Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . 80ns (Typ)
• 12V to 30V Operation
• 1A (Peak) Dual Output Drive Capability
•5.1V Reference
•Undervoltage Lockout
•Programmable Soft-Start
• Switching Frequencies to 500kHz
• Latched Overcurrent Comparator with Full Cycle Restart
• Programmable Leading Edge Blanking Circuit
Applications
• Current or Voltage Mode Switching Power Supplies
• Motor Speed and Direction Control
Pin Configuration
HS-1825ARH, HS-1825AEH
SBDIP (CDIP2-T16) AND FLATPACK (CDFP4-F16)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
INV
NON-INV
E/A OUT
CLOCK
RT
CT
SOFT START
RAMP
VREF 5.1V
OUTPUT B
VC
POWER GND
OUTPUT A
GND
ILIM/SD
VCC
NOTE: Grounding the Soft-Start pin does not inhibit the outputs. The outputs may be inhibited by applying >1.26V to the ILIM/SD pin.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2002, 2005, 2008, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 10, 2012
FN4561.9


Similar Part No. - HS-1825AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
   Radiation Hardened High-Speed, Dual Output PWM
More results

Similar Description - HS-1825AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
   Radiation Hardened High-Speed, Dual Output PWM
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
   Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
logo
Intersil Corporation
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
   Radiation Hardened High Speed Dual Voltage Comparator
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Texas Instruments
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com