Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP85390A Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP85390A
Description  CMOS 8-bit 1-chip Microcomputer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85390A Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP85390A Datasheet HTML 3Page - Sony Corporation CXP85390A Datasheet HTML 4Page - Sony Corporation CXP85390A Datasheet HTML 5Page - Sony Corporation CXP85390A Datasheet HTML 6Page - Sony Corporation CXP85390A Datasheet HTML 7Page - Sony Corporation CXP85390A Datasheet HTML 8Page - Sony Corporation CXP85390A Datasheet HTML 9Page - Sony Corporation CXP85390A Datasheet HTML 10Page - Sony Corporation CXP85390A Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– 7 –
CXP85300A/85390A
CXP85390A
Pin Assignment: Evaluator Mode
(Top View) 64 pin PSDIP Package
PA7/HSYNC
PA6/VSYNC
PA5
PA4
PA3
PA2
PA1
PA0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PD7/EC
PD6/RMC
PD5/ACI
PD4/HSI
PD3/SI
PD2/SO
PD1/SCK
VSS
4
5
6
7
8
9
10
2
3
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A7
A12
14
15
16
17
18
19
20
A15
NC
VDD
A12
A13
D1
D2
GND
NC
D3
D4
D5
5
6
7
8
9
10
11
12
13
21 22 23 24 25 26 27 28 29
4
2
3
1
30
31
32
A7/D7
A12
14
15
16
17
18
19
20
A15
NC
VDD
A14
A13
WR
SYNC
GND
NC
C2
C1
RST
5
6
7
8
9
10
11
12
13
21 22 23 24 25 26 27 28 29
4
2
3
1
30
31
32
A7
A12
14
15
16
17
18
19
20
A15
NC
VDD
A14
A13
D1
D2
GND
NC
D3
D4
D5
5
6
7
8
9
10
11
12
13
21 22 23 24 25 26 27 28 29
4
2
3
1
30
31
32
VDD
NC
VSS
MP
PF0/PWM0
PF1/PWM1
PF2/PWM2
PF3/PWM3
YM
YS
I
B
G
R
EXLC
XLC
PE0/INT0
PE1/INT1
PE2/AN0
PE3/AN1
PE4/AN2
PE5/AN3
PE6/PWM
PE7/TO
RST
EXTAL
XTAL
PD0/INT2
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
61
63
64
62
53
54
55
56
57
58
59
60
PF4/PWM4/SCL0
PF5/PWM5/SCL1
PF6/PWM6/SDA0
PF7/PWM7/SDA1
For custom font
For custom font
For programming
Note)
1. NC (Pin 63) is always connected to VDD.
2. Vss (Pins 32 and 62) are always connected to GND.
3. MP (Pin 61) is always connected to GND.


Similar Part No. - CXP85390A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85324A SONY-CXP85324A Datasheet
261Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP85332A SONY-CXP85332A Datasheet
261Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP85340A SONY-CXP85340A Datasheet
261Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
CXP853P40A SONY-CXP853P40A Datasheet
266Kb / 22P
   CMOS 8-bit Single-chip Microcomputer
More results

Similar Description - CXP85390A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85200A SONY-CXP85200A Datasheet
358Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
logo
Seiko Instruments Inc
S-1810CF SII-S-1810CF Datasheet
364Kb / 6P
   CMOS 8-bit 1-chip MICROCOMPUTER
logo
Sony Corporation
CXP85400 SONY-CXP85400 Datasheet
358Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
logo
Sanyo Semicon Device
LC876748C SANYO-LC876748C Datasheet
328Kb / 23P
   CMOS LSI 8 BIT 1 CHIP MICROCOMPUTER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com