Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1702 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1702_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Advanced Power
Electronics Corp.
APE1702
ELECTRICAL SPECIFICATIONS(Cont.)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VIH
High (regulator ON)
2
-
V
VIL
Low (regulator OFF)
-
0.6
V
ISH
VEN=2.5V(OFF)
-
-0.1
-0.5
uA
ISL
VEN=0.5V(ON)
-
-
-0.01
uA
No outside circuit
VFB=12V force driver on
SW PIN=-0.8V
VCC=22V force driver off
-
-5
-
mA
Thermal Shutdown Temp.
TSD
-
135
-
°C
Version
Characteristics
Symbol
Conditions
MIN
TYP
MAX
UNITS
4.5V < VCC < 22V
0.2A < ILOAD <3A
VOUT programmed for 3.3V
η
VCC=12V, ILOAD=3A
-74
-
%
4.75V < VCC < 22V
0.2A < ILOAD <3A
η
VCC=12V, ILOAD=3A
-75
-
%
7V < VCC < 22V
0.2A < ILOAD <3A
η
VCC=12V, ILOAD=3A
-80
-
%
15V < VCC < 22V
0.2A < ILOAD <3A
η
VCC=15V, ILOAD=3A
-
89
-
%
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
VSS
GND Pin
FB
Control Voltage Feedback Control for ADJ Version
EN
ON/OFF Shutdown
OUT
Output Voltage Feedback Control for Fixed Version
SW
Switching Output
VCC
IC Power Supply Pin
4
EN PIN Logic Input Threshold Voltag
EN PIN Input Current
1.3
APE1702-3.3V
VOUT
3.168/
3.135
APE1702-12V
uA
VFB
APE1702-ADJ
1.193/
1.180
1.23
1.267/
1.280
V
SW PIN=0V
-
-
-200
ISWL
3.3
3.432/
3.465
V
APE1702-5.0V
VOUT
4.80/
4.75
5.0
5.20/
5.25
V
V
VOUT
11.52/
11.4
12
12.48/
12.6
SW PIN
Leakage
Current
Output
Feedback
Voltage
Efficiency
Efficiency
Output
Voltage
Efficiency
Output
Voltage
Efficiency
Output
Voltage


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com