Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP846P48 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP846P48
Description  CMOS 8-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP846P48 Datasheet(HTML) 5 Page - Sony Corporation

  CXP846P48 Datasheet HTML 1Page - Sony Corporation CXP846P48 Datasheet HTML 2Page - Sony Corporation CXP846P48 Datasheet HTML 3Page - Sony Corporation CXP846P48 Datasheet HTML 4Page - Sony Corporation CXP846P48 Datasheet HTML 5Page - Sony Corporation CXP846P48 Datasheet HTML 6Page - Sony Corporation CXP846P48 Datasheet HTML 7Page - Sony Corporation CXP846P48 Datasheet HTML 8Page - Sony Corporation CXP846P48 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
– 5 –
CXP846P48
Serial clock I/O. (CH2)
Serial data input. (CH2)
Serial data output. (CH2)
Pin code
I/O
Functions
I/O
PG0 to PG7
(Port G)
8-bit I/O port. I/O can be set in a unit of single bits. Incorporation of pull-
up resistor can be set through the software in a unit of 4 bits.
(8 pins)
I/O
PH0 to PH7
(Port H)
8-bit I/O port. I/O can be set in a unit of single bits. Incorporation of pull-
up resistor can be set through the software in a unit of 4 bits.
(8 pins)
I/O/Input
PI0/INT0
to
PI4/INT4
I/O/I/O
I/O/Input
I/O/Output
PI5/SCK2
PI6/SI2
PI7/SO2
Input
Crystal connectors for system clock oscillation. When the clock is
supplied externally, input to EXTAL; opposite phase clock should be
input to XTAL.
EXTAL
Output
XTAL
Input
Crystal connectors for 32kHz timer/counter clock oscillation. For usage
as event counter, input to TEX, and open TX.
TEX
Output
TX
Input
Low-level active, system reset.
RST
Positive power supply pin for built-in PROM writing.
Connect to VDD for normal operation.
Vpp
Input
Reference voltage input for A/D converter.
AVREF
A/D converter GND.
AVss
Positive power supply.
VDD
GND.
Vss
(Port I)
8-bit I/O port. I/O can be
set in a unit of single
bits. Incorporation of
pull-up resistor can be
set through the software
in a unit of 4 bits.
(8 pins)
External interruption request inputs.
(5 pins)


Similar Part No. - CXP846P48

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84600 SONY-CXP84600 Datasheet
228Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP84632 SONY-CXP84632 Datasheet
459Kb / 28P
   CMOS 8-bit Single Chip Microcomputer
CXP84640 SONY-CXP84640 Datasheet
459Kb / 28P
   CMOS 8-bit Single Chip Microcomputer
CXP84648 SONY-CXP84648 Datasheet
459Kb / 28P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP846P48

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com