Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8951 Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part No. APE8951
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8951 Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  APE8951 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advanced Power
Electronics Corp.
APE8951
TYPICAL PERFORMANCE CHARACTERISTICS
Ch1 : VIN, 1V/Div
Time : 10ms/Div
Ch1 : VIN, 1V/Div
Time : 10ms/Div
Ch2 : VOUT, 1V/Div
Ch2 : VOUT, 1V/Div
Ch3 : VPOK, 1V/Div
Ch3 : VPOK, 1V/Div
Ch4 : VCNTL, 2V/Div
Ch4 : VCNTL, 2V/Div
Ch1 : VEN, 5V/Div
Time : 1ms/Div
Ch1 : VEN, 5V/Div
Time : 1ms/Div
Ch2 : VOUT, 1V/Div
Ch2 : VOUT, 1V/Div
Ch3 : IOUT, 1A/Div
Ch3 : IOUT, 1A/Div
Ch4 : VPOK, 1V/Div
Ch4 : VPOK, 1V/Div
Ch1 : VIN, 1V/Div
Time : 500us/Div
Ch1 : VOUT, 10mV/Div
Time : 100us/Div
Ch2 : VCNTL, 5V/Div
Ch2 : IOUT, 1A/Div
Ch3 : VPOK, 1V/Div
Ch4 : VOUT, 1V/Div
7
Power ON Sequence
Power OFF Sequence
Enable Sequence
Shutdown Sequence
POK Delay
Load Transient Response
V
EN
VOUT
IOUT
VPOK
V
EN
VOUT
IOUT
VPOK
VOUT
VPOK
V
CNTL
VIN
POK Delay
VOUT
VIN
VPOK
VCNTL
VIN
VOUT
VPOK
VCNTL
IOUT
VOUT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn