Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8951 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part No. APE8951
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-POWER [Advanced Power Electronics Corp.]
Homepage  http://www.a-power.com.tw
Logo 

APE8951 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Power
Electronics Corp.
APE8951
TYPICAL PERFORMANCE CHARACTERISTICS
Ch1 : VOUT, 500mV/Div
Time : 2ms/Div
Ch1 : VIN, 1V/Div
Time : 1ms/Div
Ch2 : IOUT, 1A/Div
Ch2 : VCNTL, 5V/Div
Ch3 : VPOK, 1V/Div
Ch4 : VOUT, 1V/Div
6
Current Limit
EN Pin Floating Test
Reference Voltage vs. Temperature
0.784
0.789
0.794
0.799
0.804
0.809
0.814
-40
-25
0
255075
100
125
Tem perature(
℃ )
Current Limit vs. Temperature
2.3
2.31
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
-40
-25
0
25
50
75
100
125
Temperature (℃)
VCNTL Supply Current vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-25
0
25
50
75
100
125
Temperature(℃)
Dropout Voltage vs. Output Current
0
20
40
60
80
100
120
140
160
0
300
600
900
1200
1500
IOUT(mA)
125℃
100℃
75℃
50℃
25℃
0℃
-25℃
-40℃
IOUT
VOUT
VIN
VCNTL
VPOK
VOUT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn