Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8951 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part No. APE8951
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8951 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE8951 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8951 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Power
Electronics Corp.
APE8951
FUNCTION DESCRIPTION(Cont.)
Output Voltage Regulation
Under Voltage Protection (UVP)
Thermal Shutdown
5
An error amplifier working with a temperature compensated 0.8V reference and
an output NMOS regulates output to the preset voltage. The error amplifier designed with
high bandwidth and DC gain provides very fast transient response and less load
regulation. It compares the reference with the feedback voltage and amplifies the
difference to drive the output NMOS which provides load current from VIN to VOUT.
The APE8951 monitors the voltage on FB pin after soft-start process is finished.
Therefore the UVP is disabling during soft-start. When the voltage on FB pin falls
below the under-voltage threshold, the UVP circuit shuts off the output immediately.
After a while, the APE8951 starts a new soft-start to regulate output.
A thermal shutdown circuit limits the junction temperature of APE8951. When the
junction temperature exceeds +150°C, a thermal sensor turns off the output NMOS,
allowing the device to cool down. The regulator regulates the output again through
initiation of a new soft-start cycle after the junction temperature cools by 50°C, resulting
in a pulsed output during continuous thermal overload conditions.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn